Electronic Components Datasheet Search
  English  ▼

X  

M3355 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M3355
Description  2-INPUT SINGLE VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3355 Datasheet(HTML) 6 Page - Unisonic Technologies

  M3355 Datasheet HTML 1Page - Unisonic Technologies M3355 Datasheet HTML 2Page - Unisonic Technologies M3355 Datasheet HTML 3Page - Unisonic Technologies M3355 Datasheet HTML 4Page - Unisonic Technologies M3355 Datasheet HTML 5Page - Unisonic Technologies M3355 Datasheet HTML 6Page - Unisonic Technologies M3355 Datasheet HTML 7Page - Unisonic Technologies M3355 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UTCM3355
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R124-001,A
TYPICAL CHARACTERISTICS
2.7
3.2
A m b i en t T em p er at u r e, T a ( ℃ )
-25
0
25
50
75
3.0
Input DC Level
3.1
2.9
2.8
2.0
2.5
A m b i en t T em p er at u r e, T a ( ℃ )
-25
0
25
50
75
2.3
2.4
2.2
2.1
Output DC Level
0.5
+2
Frequency, f (MHz)
12
3
5
7
0
+1
-1
Voltage Gain
-2
10
20
1.9
5
Operating Current
5
410
13
10
O p er at i n g V ol t ag e, V + (V)
5
12
A m b i en t T em p er at u r e, T a ( ℃ )
V
+ =12V
V
+=9V
V+=5V
-25
0
25
50
75
10
0
Operating Current
Ta=25℃
Ta=25℃
Ta=25℃,V+=5V
V+=5V
V + =5V, 2V p- p s t ai r c as e s i gnal in put
R L =1k Ω
1.0
0.4
L oad , R L (k Ω )
5.0
10.0
0
0.2
-0.2
-0.4
Voltage Gain
V+=5V,2Vp-p staircase signal input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com