Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 3Page - STMicroelectronics STA540 Datasheet HTML 4Page - STMicroelectronics STA540 Datasheet HTML 5Page - STMicroelectronics STA540 Datasheet HTML 6Page - STMicroelectronics STA540 Datasheet HTML 7Page - STMicroelectronics STA540 Datasheet HTML 8Page - STMicroelectronics STA540 Datasheet HTML 9Page - STMicroelectronics STA540 Datasheet HTML 10Page - STMicroelectronics STA540 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STA540
Block diagram and pin description
Doc ID 13907 Rev 6
7/25
1.2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
N°
Name
Type
Function
1
OUT1
OUT
Channel 1 output
2
OUT2
OUT
Channel 2 output
3
VCC1
PWR
Power supply
4
IN1
IN
Channel 1 input
5
IN2
IN
Channel 2 input
6
SVR
IN
Supply voltage rejection
7
ST-BY
IN
Standby control pin
8
P-GND
PWR
Power ground
9
S-GND
PWR
Signal ground
10
DIAGNOSTICD
OUT
Diagnostics output
11
IN4
IN
Channel 4 input
12
IN3
IN
Channel 3 input
13
VCC2
PWR
Power supply
14
OUT4
OUT
Channel 4 output
15
OUT3
OUT
Channel 3 output
1
2
3
4
5
6
7
9
10
11
8
IN4
DIAGNOSTICD
S-GND
PW-GND
STAND-BY
SVR
IN2
IN1
VCC
OUT2
OUT1
13
14
15
12
OUT3
OUT4
VCC
IN3
D06au1631
OUT3
OUT4
VCC2
IN3
IN4
DIAGNOSTICD
S-GND
P-GND
ST-BY
SVR
IN2
IN1
VCC1
OUT2
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com