Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 7Page - STMicroelectronics STA540 Datasheet HTML 8Page - STMicroelectronics STA540 Datasheet HTML 9Page - STMicroelectronics STA540 Datasheet HTML 10Page - STMicroelectronics STA540 Datasheet HTML 11Page - STMicroelectronics STA540 Datasheet HTML 12Page - STMicroelectronics STA540 Datasheet HTML 13Page - STMicroelectronics STA540 Datasheet HTML 14Page - STMicroelectronics STA540 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STA540
Standard application circuits
Doc ID 13907 Rev 6
11/25
Figure 6.
Stereo plus bridge drive
Suggested applications:
2x 9 W into 2
Ω, +1x 18 W into 4 Ω, at 12 V
2x 12 W into 2
Ω, +1x 26 W into 4 Ω, at 14.4 V
2x 8 W into 4
Ω, +1x 16 W into 8 Ω, at 16 V
1
2
3
4
5
6
7
89
10
11
12
13
14
15
1000 µF
220 nF
2200 µF
100 nF
10 µF
10 k
Ω
IN_L
OUT_L
VS
ST_BY
47 µF
2200 µF
OUT_R
OUT_Bridge
220 nF
IN_R
470 nF
IN_Bridge
STA540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com