Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 8Page - STMicroelectronics STA540 Datasheet HTML 9Page - STMicroelectronics STA540 Datasheet HTML 10Page - STMicroelectronics STA540 Datasheet HTML 11Page - STMicroelectronics STA540 Datasheet HTML 12Page - STMicroelectronics STA540 Datasheet HTML 13Page - STMicroelectronics STA540 Datasheet HTML 14Page - STMicroelectronics STA540 Datasheet HTML 15Page - STMicroelectronics STA540 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical characteristics curves
STA540
12/25
Doc ID 13907 Rev 6
4
Electrical characteristics curves
Figure 7.
Quiescent drain current versus
supply voltage (single-ended and
bridge)
Figure 8.
Quiescent output voltage versus
supply voltage (single-ended and
bridge)
Figure 9.
Output power versus supply voltage Figure 10. Output power versus supply voltage
Figure 11. Output power versus supply voltage Figure 12. Distortion versus output power
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
0
2
4
6
8
10
12
14
16
18
20
Po (W)
RL= 2
Ω
f= 1 KHz
THD= 10 %
THD= 1 %
SINGLE ENDED
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
Po (W)
RL= 4
Ω
f= 1 KHz
THD= 10 %
THD= 1 %
SINGLE ENDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com