Electronic Components Datasheet Search
  English  ▼

X  

STM32L010RB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 5Page - STMicroelectronics STM32L010RB Datasheet HTML 6Page - STMicroelectronics STM32L010RB Datasheet HTML 7Page - STMicroelectronics STM32L010RB Datasheet HTML 8Page - STMicroelectronics STM32L010RB Datasheet HTML 9Page - STMicroelectronics STM32L010RB Datasheet HTML 10Page - STMicroelectronics STM32L010RB Datasheet HTML 11Page - STMicroelectronics STM32L010RB Datasheet HTML 12Page - STMicroelectronics STM32L010RB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
DS12319 Rev 3
9/89
STM32L010RB
Description
28
2
Description
The ultra-low-power STM32L010RB microcontroller incorporates the high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at 32 MHz, high-speed embedded memories
(128 Kbytes of Flash program memory, 512 bytes of data EEPROM and 20 Kbytes of RAM)
plus an extensive range of enhanced I/Os and peripherals.
The STM32L010RB provides high power efficiency over a wide performance range. This is
achieved with a large choice of internal and external clock sources, internal voltage
adaptation, and several low-power modes.
The STM32L010RB offers several analog features: one 12-bit ADC with hardware
oversampling, several timers, one low-power timer (LPTIM), three general-purpose 16-bit
timers, one RTC and one SysTick that can be used as timebases. The STM32L010RB also
features two watchdogs, one watchdog with independent clock and window capability, and
one window watchdog based on the bus clock.
Moreover, the STM32L010RB embeds standard and advanced communication interfaces:
one I2C, one SPI, one USART, and a low-power UART (LPUART).
The STM32L010RB also includes a real-time clock and a set of backup registers that
remain powered in Standby mode.
The ultra-low-power STM32L010RB operates from a 1.8 to 3.6 V power supply and in the
–
40 to + 85 °C temperature range. A comprehensive set of power-saving modes allows the
design of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com