Electronic Components Datasheet Search
  English  ▼

X  

STM32L010RB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L010RB Datasheet HTML 1Page - STMicroelectronics STM32L010RB Datasheet HTML 2Page - STMicroelectronics STM32L010RB Datasheet HTML 3Page - STMicroelectronics STM32L010RB Datasheet HTML 4Page - STMicroelectronics STM32L010RB Datasheet HTML 5Page - STMicroelectronics STM32L010RB Datasheet HTML 6Page - STMicroelectronics STM32L010RB Datasheet HTML 7Page - STMicroelectronics STM32L010RB Datasheet HTML 8Page - STMicroelectronics STM32L010RB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
This is information on a product in full production.
August 2019
DS12319 Rev 3
1/89
STM32L010RB
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0+,
128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.8 V to 3.6 V power supply
– –40 to 85 °C temperature range
– 0.29 µA Standby mode (2 wakeup pins)
– 0.43 µA Stop mode (16 wakeup lines)
– 0.86 µA Stop mode + RTC + 20-Kbyte RAM
retention
– Down to 93 µA/MHz in Run mode
– 5 µs wakeup time (from Flash memory)
– 41 µA 12-bit ADC conversion at 10 ksps
• Core: Arm® 32-bit Cortex®-M0+
– From 32 kHz to 32 MHz
– 0.95 DMIPS/MHz
• Reset and supply management
– Ultra-low-power BOR (brownout reset) with
5 selectable thresholds
– Ultra-low-power POR/PDR
• Clock sources
– 0 to 32 MHz external clock
– 32 kHz oscillator for RTC with calibration
– High-speed internal 16 MHz factory-trimmed RC
(±1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
• Pre-programmed bootloader
– USART, I2C, SPI supported
• Development support
– Serial wire debug supported
• 51 fast I/Os (45 I/Os 5-Volt tolerant)
• Memories
– 128-Kbyte Flash memory
–20-Kbyte RAM
– 512 bytes of data EEPROM
– 20-byte backup register
– Sector protection against R/W operation
• Analog peripherals
– 12-bit ADC 1.14 Msps up to 16 channels (down
to 1.8 V)
• 7-channel DMA controller, supporting ADC, SPI,
I2C, USART and timers
• 4x peripherals communication interface
• 1x USART (ISO7816), 1x LPUART (low power)
• 1x SPI 16 Mbit/s
• 1x I2C (SMBus/PMBus)
• 8x timers: 1x 16-bit with up to 4 channels,
2x 16-bit with up to 2 channels, 1x 16-bit ultra-low-
power timer, 1x SysTick, 1x RTC and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• LFQFP64 package is ECOPACK2 compliant
LQFP64
10 x 10 mm
www.st.com


Similar Part No. - STM32L010RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L010RBT6 STMICROELECTRONICS-STM32L010RBT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32L010RBT6 STMICROELECTRONICS-STM32L010RBT6 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
STM32L010RBT6 STMICROELECTRONICS-STM32L010RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
More results

Similar Description - STM32L010RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L011X3 STMICROELECTRONICS-STM32L011X3 Datasheet
1Mb / 115P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
20-Jun-2016
STM32L031X4 STMICROELECTRONICS-STM32L031X4 Datasheet
1Mb / 118P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
05-Apr-2016
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
22-Mar-2016
STM32L010F4 STMICROELECTRONICS-STM32L010F4 Datasheet
1Mb / 91P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
07-Aug-2019
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32L082KB STMICROELECTRONICS-STM32L082KB Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com