Electronic Components Datasheet Search
  English  ▼

X  

STM32L010RB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 6Page - STMicroelectronics STM32L010RB Datasheet HTML 7Page - STMicroelectronics STM32L010RB Datasheet HTML 8Page - STMicroelectronics STM32L010RB Datasheet HTML 9Page - STMicroelectronics STM32L010RB Datasheet HTML 10Page - STMicroelectronics STM32L010RB Datasheet HTML 11Page - STMicroelectronics STM32L010RB Datasheet HTML 12Page - STMicroelectronics STM32L010RB Datasheet HTML 13Page - STMicroelectronics STM32L010RB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Description
STM32L010RB
10/89
DS12319 Rev 3
2.1
Device overview
Table 1. STM32L010RB features and peripheral counts
Feature and peripheral count
STM32L010RB
Flash memory (Kbytes)
128
Data EEPROM (bytes)
512
RAM (Kbytes)
20
Timers
General-purpose
3
LPTIM
1
RTC / SYSTICK / IWDG / WWDG
1 / 1 / 1 / 1
Communication
interfaces
SPI
2(1)(1)
1. Besides one full SPI interface peripheral, USART is also able to emulate the SPI master mode.
I2C
1
USART
1
LPUART
1
GPIOs
51
Clocks: HSE / LSE / HSI / MSI / LSI
1 / 1 / 1 / 1 / 1
12-bit synchronized ADC / Number of channels
1 / 16
Maximum CPU frequency
32 MHz
Operating voltage range
1.8 to 3.6 V
Operating temperatures
Ambient temperature: –40 to +85 °C
Junction temperature: –40 to +105 °C
Package
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com