Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-4 Datasheet(PDF) 8 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 4Page - Analog Devices ADFS7124-4 Datasheet HTML 5Page - Analog Devices ADFS7124-4 Datasheet HTML 6Page - Analog Devices ADFS7124-4 Datasheet HTML 7Page - Analog Devices ADFS7124-4 Datasheet HTML 8Page - Analog Devices ADFS7124-4 Datasheet HTML 9Page - Analog Devices ADFS7124-4 Datasheet HTML 10Page - Analog Devices ADFS7124-4 Datasheet HTML 11Page - Analog Devices ADFS7124-4 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Data Sheet
ADFS7124-4
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 93
Table 2. Specifications (Continued)
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
0.35 × IOVDD
V
1.9 V ≤ IOVDD < 2.3 V
0.7
V
2.3 V ≤ IOVDD ≤ 3.6 V
High, VINH
0.7 × IOVDD
V
1.65 V ≤ IOVDD < 1.9 V
0.65 × IOVDD
V
1.9 V ≤ IOVDD < 2.3 V
1.7
V
2.3 V ≤ IOVDD < 2.7 V
2
V
2.7 V ≤ IOVDD ≤ 3.6 V
Hysteresis
0.2
0.6
V
1.65 V ≤ IOVDD ≤ 3.6 V
Input Currents
−1
+1
µA
VIN = IOVDD or GND
Input Capacitance
10
pF
All digital inputs
LOGIC OUTPUTS (INCLUDING CLK)
Output Voltage2
High, VOH
IOVDD − 0.35
V
ISOURCE = 100 µA
Low, VOL
0.4
V
ISINK = 100 µA
Floating State Leakage Current
−1
+1
µA
Floating State Output Capacitance
10
pF
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Calibration Limit
Full Scale (FS)
1.05 × FS
V
Zero Scale
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER SUPPLY VOLTAGES FOR ALL POWER
MODES
AVDD to AVSS
Low Power Mode
2.7
3.6
V
Mid Power Mode
2.7
3.6
V
Full Power Mode
2.9
3.6
V
IOVDD to GND
1.65
3.6
V
AVSS to GND
−1.8
0
V
IOVDD to AVSS
5.4
V
POWER SUPPLY CURRENTS11, 13
IAVDD, External Reference
Low Power Mode
Gain = 12
125
140
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
15
25
µA
Gain = 2 to 8
205
250
µA
Gain = 16 to 128
235
300
µA
IAVDD Increase per Reference Buffer2
10
20
µA
All gains
Mid Power Mode
Gain = 12
150
170
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
30
40
µA
Gain = 2 to 8
275
345
µA
Gain = 16 to 128
330
430
µA
IAVDD Increase per Reference Buffer2
20
30
µA
All gains
Full Power Mode
Gain = 12
315
350
µA
All buffers off
Gain = 1 IAVDD Increase per AINx Buffer2
90
135
µA
Gain = 2 to 8
660
830
µA
Gain = 16 to 128
875
1200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com