Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-4 Datasheet(PDF) 89 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 85Page - Analog Devices ADFS7124-4 Datasheet HTML 86Page - Analog Devices ADFS7124-4 Datasheet HTML 87Page - Analog Devices ADFS7124-4 Datasheet HTML 88Page - Analog Devices ADFS7124-4 Datasheet HTML 89Page - Analog Devices ADFS7124-4 Datasheet HTML 90Page - Analog Devices ADFS7124-4 Datasheet HTML 91Page - Analog Devices ADFS7124-4 Datasheet HTML 92Page - Analog Devices ADFS7124-4 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 89 of 93
Table 73. Channel Register Bit Descriptions (Continued)
Bits
Bit Name
Description
00000 = AIN0 (default).
00001 = AIN1.
00010 = AIN2.
00011 = AIN3.
00100 = AIN4.
00101 = AIN5.
00110 = AIN6.
00111 = AIN7.
01000 to 01111 = reserved.
10000 = temperature sensor.
10001 = AVSS.
10010 = internal reference.
10011 = DGND.
10100 = (AVDD − AVSS)/6+. Use in conjunction with (AVDD − AVSS)/6− to monitor supply AVDD − AVSS.
10101 = (AVDD − AVSS)/6−. Use in conjunction with (AVDD − AVSS)/6+ to monitor supply AVDD − AVSS.
10110 = (IOVDD − DGND)/6+. Use in conjunction with (IOVDD − DGND)/6− to monitor IOVDD − DGND.
10111 = (IOVDD − DGND)/6−. Use in conjunction with (IOVDD − DGND)/6+ to monitor IOVDD − DGND.
11000 = (ALDO − AVSS)/6+. Use in conjunction with (ALDO − AVSS)/6− to monitor the analog LDO.
11001 = (ALDO − AVSS)/6−. Use in conjunction with (ALDO − AVSS)/6+ to monitor the analog LDO.
11010 = (DLDO − DGND)/6+. Use in conjunction with (DLDO − DGND)/6− to monitor the digital LDO.
11011 = (DLDO − DGND)/6−. Use in conjunction with (DLDO − DGND)/6+ to monitor the digital LDO.
11100 = V_20MV_P. Use in conjunction with V_20MV_M to apply a 20 mV p-p signal to the ADC.
11101 = V_20MV_M. Use in conjunction with V_20MV_P to apply a 20 mV p-p signal to the ADC.
11110 = reserved.
11111 = reserved.
4:0
AINM[4:0]
Negative analog input AINM input select. These bits select which of the analog inputs is connected to the negative input for this channel.
00000 = AIN0.
00001 = AIN1 (default).
00010 = AIN2.
00011 = AIN3.
00100 = AIN4.
00101 = AIN5.
00110 = AIN6.
00111 = AIN7.
01000 to 01111 = reserved.
10000 = temperature sensor.
10001 = AVSS.
10010 = internal reference.
10011 = DGND.
10100 = (AVDD − AVSS)/6+. Use in conjunction with (AVDD − AVSS)/6− to monitor supply AVDD − AVSS.
10101 = (AVDD − AVSS)/6−. Use in conjunction with (AVDD − AVSS)/6+ to monitor supply AVDD − AVSS.
10110 = (IOVDD − DGND)/6+. Use in conjunction with (IOVDD − DGND)/6− to monitor IOVDD − DGND.
10111 = (IOVDD − DGND)/6−. Use in conjunction with (IOVDD − DGND)/6+ to monitor IOVDD − DGND.
11000 = (ALDO − AVSS)/6+. Use in conjunction with (ALDO − AVSS)/6− to monitor the analog LDO.
11001 = (ALDO − AVSS)/6−. Use in conjunction with (ALDO − AVSS)/6+ to monitor the analog LDO.
11010 = (DLDO − DGND)/6+. Use in conjunction with (DLDO − DGND)/6− to monitor the digital LDO.
11011 = (DLDO − DGND)/6−. Use in conjunction with (DLDO − DGND)/6+ to monitor the digital LDO.
11100 = V_20MV_P. Use in conjunction with V_20MV_M to apply a 20 mV p-p signal to the ADC.
11101 = V_20MV_M. Use in conjunction with V_20MV_P to apply a 20 mV p-p signal to the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com