Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-4 Datasheet(PDF) 80 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 76Page - Analog Devices ADFS7124-4 Datasheet HTML 77Page - Analog Devices ADFS7124-4 Datasheet HTML 78Page - Analog Devices ADFS7124-4 Datasheet HTML 79Page - Analog Devices ADFS7124-4 Datasheet HTML 80Page - Analog Devices ADFS7124-4 Datasheet HTML 81Page - Analog Devices ADFS7124-4 Datasheet HTML 82Page - Analog Devices ADFS7124-4 Datasheet HTML 83Page - Analog Devices ADFS7124-4 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 80 of 93
Table 63. Register Summary (Continued)
Addr. Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
Gain [7:0]
1 CHANNEL_0 is reset to 0x8001. All other channels are reset to 0x0001.
COMMUNICATIONS REGISTER
RS[5:0] = 0, 0, 0, 0, 0, 0
The communications register is an 8-bit, write only register. All communications to the device must start with a write operation to the
communications register. The data written to the communications register determines whether the next operation is a read or write operation,
and to which register this operation takes place, the RS[5:0] bits selecting the register to be accessed.
For read or write operations, after the subsequent read or write operation to the selected register is complete, the interface returns to where it
expects a write operation to the communications register. This is the default state of the interface and, on power-up or after a reset, the ADC is
in this default state waiting for a write operation to the communications register.
In situations where the interface sequence is lost, a write operation of at least 64 serial clock cycles with DIN high returns the ADC to this
default state by resetting the entire device. Table 64 outlines the bit designations for the communications register. Bit 7 denotes the first bit of
the data stream.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WEN (0)
R/W (0)
RS[5:0] (0)
Table 64. Communications Register Bit Descriptions
Bits
Bit Name
Description
7
WEN
Write enable bit. A 0 must be written to this bit so that the write to the communications register actually occurs. If a 1 is the first bit written, the
device does not clock on to subsequent bits in the register. It stays at this bit location until a 0 is written to this bit. As soon as a 0 is written to
the WEN bit, the next seven bits are loaded to the communications register.
6
R/W
A 0 in this bit location indicates that the next operation is a write to a specified register. A 1 in this position indicates that the next operation is a
read from the designated register.
5:0
RS[5:0]
Register address bits. These address bits select which registers of the ADC are being selected during this serial interface communication. See
Table 63.
STATUS REGISTER
RS[5:0] = 0, 0, 0, 0, 0, 0
Power-On/Reset = 0x00
The status register is an 8-bit, read only register. To access the ADC status register, write to the communications register, select the next
operation to be read, and set the register address bits RS[5:0] to 0.
Table 65 outlines the bit designations for the status register. Bit 7 denotes the first bit of the data stream. The number in parentheses indicates
the power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY (0)
ERROR_FLAG (0)
0 (0)
POR_FLAG (0)
CH_ACTIVE (0)
Table 65. Status Register Bit Descriptions
Bits
Bit Name
Description
7
RDY
Ready bit for the ADC. This bit is cleared when data is written to the ADC data register. The RDY bit is set automatically after the ADC data
register is read or a period of time before the data register is updated with a new conversion result to indicate not to read the conversion
data. It is also set when the device is placed in the power-down or standby mode. The end of a conversion is also indicated by the
DOUT/RDY pin. This pin can be used as an alternative to the status register for monitoring the ADC for conversion data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com