Electronic Components Datasheet Search
  English  ▼

X  

2SC5353 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC5353
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC5353 Datasheet HTML 1Page - Unisonic Technologies 2SC5353 Datasheet HTML 2Page - Unisonic Technologies 2SC5353 Datasheet HTML 3Page - Unisonic Technologies 2SC5353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC5353
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R203-031,A
TYPICAL CHARACTERISTICS(Cont.)
Safe Operating Area
Collector-Emitter Voltage, VCE (V)
110
5001000
0.001
0.1
10
0.01
1
* Single nonrepetitive
pulse Tc = 25℃
Curves must be derated
linearly with increase
temperature.
3 5
30 50
300
100
VCEO max
DC operation
TC=25℃
100 ms*
100 µs*
1 ms*
10 ms*
IC max (pulsed)*
IC max (continuous)
080
0
20
30
10
40
120
160
200
Ambient Temperature, Ta=25℃
PD -Ta
(1) TC = Ta Infinite heat sink
(2) No heat sink
(1)
(2)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com