Electronic Components Datasheet Search
  English  ▼

X  

2SC5353 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5353
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5353 Datasheet HTML 1Page - Unisonic Technologies 2SC5353 Datasheet HTML 2Page - Unisonic Technologies 2SC5353 Datasheet HTML 3Page - Unisonic Technologies 2SC5353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC5353
NPN SILICON TRANSISTOR
14www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R203-031,A
HIGH VOLTAGE NPN
TRANSISTOR
DESCRIPTION
Switching Regulator and High Voltage Switching Applications
High-Speed DC-DC Converter Applications
FEATURES
* Excellent switching times: tR = 0.7µs(MAX), tF = 0.5µs (MAX)
* High collectors breakdown voltage: VCEO = 800 V
TO-220F
1
TO-220
1
*Pb-free plating product number: 2SC5353L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SC5353-TA3-T
2SC5353L-TA3-T
TO-220
B
C
E
Tube
2SC5353-TF3-T
2SC5353L-TF3-T
TO-220F
B
C
E
Tube
2SC5353L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5353 TOSHIBA-2SC5353 Datasheet
190Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5353 TOSHIBA-2SC5353 Datasheet
146Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
logo
Unisonic Technologies
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Inchange Semiconductor ...
2SC5353 ISC-2SC5353 Datasheet
176Kb / 2P
Collector?밇mitter Sustaining Voltage: VCEO(SUS) = 800V(Min.)
More results

Similar Description - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com