Electronic Components Datasheet Search
  English  ▼

X  

BA3308 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 3 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
www.unisonic.com.tw
QW-R107-015,A
APPLICATION CIRCUIT
+
-
ch1
123
4
5678
9
ALC
MUTE
ch2
+
-
C3
100μF
R3
39Ω
R5
18kΩ
R1
3.9KΩ
C1
10μF
+
+
+
C5
10μF
R7
1MΩ
++
C7
22μF
C8
330μF
C6
10μF
+
C2
10μF
++
C4
100μF
R4
39Ω
R2
3.9kΩ
R6
18kΩ
R8
220Ω
Vcc
7V
INPUT1
INPUT2
OUTPUT1
OUTPUT2
R9 (R10)
120kΩ
C9 (R10)
0.027μF
4.3kΩ
R11(R12)
For playback,instead of R5 and R6,connect
the following NAB time constant circuit
between pins 1 and 3 and 7 and 9.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com