Electronic Components Datasheet Search
  English  ▼

X  

BA3308 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 4 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
www.unisonic.com.tw
QW-R107-015,A
TOTAL APPLICATION CIRCUIT
220Ω
330μF
+
3.9kΩ
3.9kΩ
MIC
RADIO
etc.
BIAS
OSC
CB
2
8
1
6 3
7
5
4
9
18kΩ
39Ω
100μF
0.027μF
120kΩ 4.3kΩ
+
CB
+
0.027μF
120kΩ 4.3kΩ
18kΩ
Cc
CA
LRA
Cc
CA
LRA
+
+
+
10μF
10μF
UTC
BA3308
UTC
BA5406
10kΩ
10kΩ
2.2μF
+
+
2.2μF
33μF
100μF
120Ω
+
+
47μF
+
470μF
+
120Ω
33μF
++
47μF
47μF
470μF
2.2Ω
0.22μF
SP
3Ω
SP
3Ω
+
2.2Ω
9
12
6
10
11
2
3
7
1
4
1000μF
+
9V
0.22μF
+
8
5
Notes:
(1) Switches are in the playback positions.
(2) Set the values of RA and CA depending on the characteristics of the playback/recording head.
(3) The capacitor CB is for head resonance treble compensation during playback, and prevention of high-frequency noise.
The recommended value is about 1000pF.
(4) L and CC are a bias trap.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com