Electronic Components Datasheet Search
  English  ▼

X  

BA3308 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 5 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
www.unisonic.com.tw
QW-R107-015,A
Cont
2 (8)
1 (9)
3 (7)
5
R7(R8)
1MΩ
C7(C8)
22μF
C5(C6)
10μF
C1(C2)
10μF
R1(R1)
3.9kΩ
INPUT
C3(C4)
100μF
R3(R4)
39Ω
R5(R6)
18kΩ
ch2
(ch1)
ch2
(ch1)
Fig.1
ch1
(ch2)
+
-
+
+
OUTPUT
+
+
ch1
(ch2)
ch2
(ch1)
ch2
(ch1)
Comp
+
-
+
-
Cont
4.5VF
5
R7
C7
2 (8)
R1
(
R2)
3 (7)
VOUT (DC+AC)
3VF
Fig.2
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com