Electronic Components Datasheet Search
  English  ▼

X  

FF300R12M Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FF300R12M
Description  Trench gate Field-Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FF300R12M Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FF300R12M Datasheet HTML 1Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 2Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 3Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 4Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FF300R12M
Trench gate Field-Stop IGBT
www.iscsemi.com
2023-8-14
2
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 300A; VCE= 15V,
TC=125℃
--
3.85
--
V
ICES
Zero Gate Voltage Collector Current
VCE=1200V; VGE=0
-
--
5
mA
IGES
Gate-Emitter Leakage Current
VGE=±20V; VCE=0
--
--
±
400
nA
Cies
Input Capacitance
VGS = 0V,
VCS = 25V,
f = 1.0MHz
--
25.3
--
nF
Cres
Reverse Transfer Capacitance
--
0.88
--
QG
Gate Charge
VGE=+15V...-15V
--
3.2
--
uC
RG
Internal Gate Resistor
TVJ=25℃
--
2.0
--
Ω
Rth j-c
Thermal Resistance,Junction to Case IGBT
--
0.076
--
℃
/W
SWITCHING CHARACTERISTICS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = 15V,
IC= 300A,
VCE = 0.5VCES,
RG=Roff =2.7Ω
TJ=25℃
--
150
--
ns
tr
Turn-on Rise Time
--
85
--
td(off)
Turn-off Delay Time
--
390
--
tf
Turn-off Fall Time
--
45
--
Eon
Turn-on switching losses
--
19
--
mJ
Eoff
Turn-off switching losses
--
17
--
td(on)
Turn-on Delay Time
VGE = 15V,
IC= 300A,
VCE = 0.5VCES,
RG=Roff =2.7Ω
TJ=125℃
--
160
--
ns
tr
Turn-on Rise Time
--
88
--
td(off)
Turn-off Delay Time
--
400
--
tf
Turn-off Fall Time
--
50
--
Eon
Turn-on switching losses
--
26
--
mJ
Eoff
Turn-off switching losses
--
18
--
ISC
SC Data
VCE=600V; VGE=15V;
tp=10us,TJ=125℃
-
2000
--
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com