Electronic Components Datasheet Search
  English  ▼

X  

FF300R12M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FF300R12M
Description  Trench gate Field-Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FF300R12M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FF300R12M Datasheet HTML 1Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 2Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 3Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 4Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FF300R12M
Trench gate Field-Stop IGBT
www.iscsemi.com
2023-8-14
1
DESCRIPTION
·
Short Circuit Rated> 10µs
·
Low Switching Loss
·
Low Stray Inductance
·
Copper Wire Bonding on Power Terminal
·
Lead Free, Compliant with RoHS Requirement
APPLICATIONS
·
Hybrid Electrical Vehicles(H)EV
·
Automotive Applications
·
Commercial Agriculture Vehicles
·
Motor Drives
IGBT, INVERTER MAXIMUM RATED VALUES(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
370
A
IC
Collector Current-Continuous
@ TC=60℃
300
A
ICM
Pulsed Collector Current
600
A
PD
Power Dissipation ,
TC=25℃
1950
W
ELECTRICAL CHARACTERISTICS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0; IC= 2mA
1200
--
--
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE; IC= 12mA
4.5
--
6.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 300A; VCE= 15V,
TC=25℃
--
3.2
3.75
V


Similar Part No. - FF300R12M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
486Kb / 8P
EconoDUAL Modul mit Trench
2013-10-03 revision:2.3
FF300R12ME3 INFINEON-FF300R12ME3_13 Datasheet
486Kb / 8P
EconoDUAL Modul mit Trench
2013-10-03 revision:2.3
FF300R12ME4 INFINEON-FF300R12ME4 Datasheet
510Kb / 9P
EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and NTC
2011-03-01 revision:3.1
FF300R12ME4 INFINEON-FF300R12ME4 Datasheet
611Kb / 9P
EconoDUAL3 Modul mit Trench
2013-11-04 revision:3.1
More results

Similar Description - FF300R12M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series
08-Oct-2013
logo
ON Semiconductor
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
APT75GT120JU3 ISC-APT75GT120JU3 Datasheet
570Kb / 4P
Trench gate Field-Stop IGBT
2023-9-12
CM300DY-24A-ISGM2001 ISC-CM300DY-24A-ISGM2001 Datasheet
502Kb / 5P
Trench gate Field-Stop IGBT
2023-9-5
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
Trench gate Field-Stop IGBT
2023-8-14
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
Trench gate Field-Stop IGBT
2023-10-16
STGP30M65DF2 ISC-STGP30M65DF2 Datasheet
372Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com