Electronic Components Datasheet Search
  English  ▼

X  

FF300R12M Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # FF300R12M
Description  Trench gate Field-Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FF300R12M Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  FF300R12M Datasheet HTML 1Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 2Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 3Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 4Page - Inchange Semiconductor Company Limited FF300R12M Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FF300R12M
Trench gate Field-Stop IGBT
www.iscsemi.com
2023-8-14
3
MAXIMUM RATED VALUES OF DIODE(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1200
V
IF
Diode Continuous Forward Current
300
V
IFM
Diode Maximum Forward Current
600
V
ELECTRICAL CHARACTERISOF DIODE(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF=300A; TC=25℃
--
2.0
2.55
V
VF
Diode Forward Voltage
IF=300A; TC=125℃
--
1.7
--
V
IRM
Peak Reverse recovery current
VR=600V;IF=300A;
-diF/dt=5500A/us; TVJ=25℃
--
230
--
A
trr
Reverse Recovery Time
--
410
--
ns
Qrr
Reverse Recovery Charge
--
30
--
uC
IRM
Peak Reverse recovery current
VR=600V;IF=300A;
-diF/dt=5500A/us; TVJ=125℃
--
300
--
A
trr
Reverse Recovery Time
--
600
--
ns
Qrr
Reverse Recovery Charge
--
50
--
uC
Rth j-c
Thermal Resistance,Junction to Case Diode
--
0.13
--
℃
/W
INTERNAL NTC-THERMISTOR CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
R25
Rated Resistance
TC=25℃
--
5
--
K
Ω
△
R/R
Deviation of R100
TC = 100℃, R100 = 493
Ω
-5
--
5
%
P25
Power Dissipation
TC=25℃
20
mW
B25/50
B-Value
R2 = R25 exp [B25/50(1/T2 -
1/(298,15 K))]
--
3378
--
K
B25/80
R2 = R25 exp [B25/80(1/T2 -
1/(298,15 K))]
--
3439
--
K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com