Electronic Components Datasheet Search
  English  ▼

X  

TC1270A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1270A
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270A Datasheet(HTML) 2 Page - Microchip Technology

  TC1270A Datasheet HTML 1Page - Microchip Technology TC1270A Datasheet HTML 2Page - Microchip Technology TC1270A Datasheet HTML 3Page - Microchip Technology TC1270A Datasheet HTML 4Page - Microchip Technology TC1270A Datasheet HTML 5Page - Microchip Technology TC1270A Datasheet HTML 6Page - Microchip Technology TC1270A Datasheet HTML 7Page - Microchip Technology TC1270A Datasheet HTML 8Page - Microchip Technology TC1270A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TC1270A/70AN/71A
DS20002035F-page 2
 2007-2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Supply Voltage (VDD to VSS) ....................................................................................................................................+7.0V
Input Current, VDD...................................................................................................................................................10 mA
Output Current, RESET, Reset................................................................................................................................10 mA
Voltage on all inputs and outputs
w.r.t. VSS ................................................................................................................................ –0.6V to (VDD + 1.0V)
Storage Temperature Range ..................................................................................................................–65°C to +150°C
Operating Temperature Range...............................................................................................................–40°C to +125°C
Maximum Junction Temperature, T
S........................................................................................................................ 150°C
ESD protection on all pins
Human Body Model
 4kV
Machine Model
  400V
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to a
device. The absolute maximum values are merely stress ratings – functional operation of a device at those, or any
other conditions above those indicated in the operational listing of these specifications, is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = –40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym.
Min.
Typ.(1)
Max.
Units
Test Conditions
Operating Voltage Range
V
DD
1.0
—
5.5
V
Supply Current
IDD
—7
15
µA
VDD > VTRIP, for L/M/R/S/T,
VDD = 5.5V
—4.75
10
µA
VDD > VTRIP, for R/S/T, VDD = 3.6V
—10
15
µA
VDD < VTRIP, for L/M/R/S/T
Reset Trip Point
Threshold (3)
VTRIP
4.54
4.63
4.72
V
TC127xAL: TA = +25°C
4.50
—
4.75
V
TA = –40°C to +125°C
4.30
4.38
4.46
V
TC127xAM: TA = +25°C
4.25
—
4.50
V
TA = –40°C to +125°C
3.03
3.08
3.14
V
TC127xAT: TA = +25°C
3.00
—
3.15
V
TA = –40°C to +125°C
2.88
2.93
2.98
V
TC127xAS: TA = +25°C
2.85
—
3.00
V
TA = –40°C to +125°C
2.72
2.77
2.82
V
TC127xA:(5) TA = +25°C
2.70
—
2.85
V
TA = –40°C to +125°C
2.58
2.63
2.68
V
TC127xAR: TA = +25°C
2.55
—
2.70
V
TA = –40°C to +125°C
Note 1: Data in the Typical (“Typ.”) column is at 5V, +25
C, unless otherwise stated.
2: RST output for TC1270A and TC1270AN, RST output for TC1271A.
3: TC127XA refers to the TC1270A, TC1270AN or TC1271A device.
4: Hysteresis is within the VTRIP(MIN) to VTRIP(MAX) window.
5: Custom-ordered voltage trip point. Minimum order volume requirement.
6: This specification allows this device to be used in PIC® microcontroller applications that require the
In-Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com