Electronic Components Datasheet Search
  English  ▼

X  

TC1270A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1270A
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270A Datasheet(HTML) 1 Page - Microchip Technology

  TC1270A Datasheet HTML 1Page - Microchip Technology TC1270A Datasheet HTML 2Page - Microchip Technology TC1270A Datasheet HTML 3Page - Microchip Technology TC1270A Datasheet HTML 4Page - Microchip Technology TC1270A Datasheet HTML 5Page - Microchip Technology TC1270A Datasheet HTML 6Page - Microchip Technology TC1270A Datasheet HTML 7Page - Microchip Technology TC1270A Datasheet HTML 8Page - Microchip Technology TC1270A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 1
TC1270A/70AN/71A
Features
• Precision Voltage Monitor
- 2.63V, 2.93V, 3.08V, 4.38V and 4.63V Trip
Points (Typical)
• Manual Reset Input
• Reset Time-Out Delay:
- Standard: 280 ms (Typical)
- Optional: 2.19 ms, and 35 ms (Typical)
• Power Consumption
 15 µA max
• No glitches on outputs during power-up
• Active Low Output Options:
- Push-Pull Output and Open-Drain Output
• Active High Output Option:
- Push-Pull Output
• Replacement for (Specification compatible with):
- TC1270, TC1271
- TCM811, TCM812
• Fully Static Design
• Low-Voltage Operation (1.0V)
• ESD Protection:
-
 4 kV Human Body Model (HBM)
-
 400V Machine Model (MM)
• Extended (E) Temperature Range:
–40°C to +125°C
• Package Options:
- 4-Lead SOT-143
- 5-Lead SOT-23
- Pb-free Device
• Passes Automotive AEC-Q100 Reliability Testing
Package Types
Functional Block Diagram
Device Features
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
4
3
SOT-143
VSS
VDD
RST
MR
1
2
3
5
4
SOT-23-5
1
2
3
5
4
SOT-23-5
NC
NC
VDD
MR
RST
VSS
VSS
VDD
MR
RST
18.5 k
VDD
MR
RST
RST
Glitch Filter
Voltage
Detector
PP
PP
Circuitry
(TC1271A)
(TC1270A)
Reset
Generator
and Delay
Timer
(2.19 ms,
35 ms,
280 ms)
OD
RST
(TC1270AN)
Device
Output
Packages
Comment
Type
Active
Level
TC1270A
Push-Pull
Low
2.19, 35,
280(1)
4.63, 4.38,
3.08, 2.93,
2.63(4)
1.0V to
5.5V
–40°C to
+125°C
SOT-143(2),
SOT-23-5
Replaces TC1270 and
TCM811
TC1270AN
Open-Drain
Low
SOT-143(2),
SOT-23-5
New Option
TC1271A
Push-Pull
High
SOT-143(2),
SOT-23-5
Replaces TC1271 and
TCM812
Note
1:
The 280 ms Reset delay time-out is compatible with the TC1270, TC1271, TCM811 and TCM812 devices.
2:
The SOT-143 package is compatible with the TC1270, TC1271, TCM811 and TCM812 devices.
3:
Custom Reset trip points and Reset delays available, contact your local Microchip sales office.
4:
The TC1270/1 and TCM811/12 1.75V trip point option is not supported.
Voltage Supervisor with Manual Reset Input


Similar Part No. - TC1270A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVRCTR MICROCHIP-TC1270ALBVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALCVCTTR MICROCHIP-TC1270ALCVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALCVRCTR MICROCHIP-TC1270ALCVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results

Similar Description - TC1270A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com