Electronic Components Datasheet Search
  English  ▼

X  

TC1270A Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1270A
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270A Datasheet(HTML) 3 Page - Microchip Technology

  TC1270A Datasheet HTML 1Page - Microchip Technology TC1270A Datasheet HTML 2Page - Microchip Technology TC1270A Datasheet HTML 3Page - Microchip Technology TC1270A Datasheet HTML 4Page - Microchip Technology TC1270A Datasheet HTML 5Page - Microchip Technology TC1270A Datasheet HTML 6Page - Microchip Technology TC1270A Datasheet HTML 7Page - Microchip Technology TC1270A Datasheet HTML 8Page - Microchip Technology TC1270A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 3
TC1270A/70AN/71A
Reset Threshold Tempco
—
±30
—
ppm/°C
Reset Trip Point
Hysteresis (1)
VHYS
—
0.3
—
%
Percentage of VTRIP Voltage
MR Input High Threshold
VIH
2.3
—
—
V
VDD > VTRIP(MAX), L/M only
0.7 VDD
——
V
VDD > VTRIP(MAX), R/S/T only
MR Input Low Threshold
VIL
——
0.8
V
VDD > VTRIP(MAX), L/M only
—
—
0.25 VDD
VVDD > VTRIP(MAX), R/S/T only
MR Pull-up Resistance
10
18.5
40
k
Open-Drain High Voltage
on Output
VODH
—
—
13.5
V
Open-Drain Output pin only.
VDD = 3.0V, Time voltage > 5.5
applied
 100s. Current into pin
limited to 2 mA +25°C operation
recommended (6)
Reset
Output
Voltage
Low (2)
TC1270A/
TC1270AN
VOL
—
—
0.3
V
R/S/T only,
ISINK = 1.2 mA, VDD = VTRIP(MIN)
TC1271A
—
—
0.3
V
R/S/T only,
ISINK = 1.2 mA, VDD = VTRIP(MAX)
TC1270A/
TC1270AN
—
—
0.4
V
L/M only,
ISINK = 3.2 mA, VDD = VTRIP(MIN)
TC1271A
—
—
0.3
V
L/M only,
ISINK = 3.2 mA, VDD = VTRIP(MAX)
TC1270A/
TC1270AN
—
—
0.3
V
L/M only,
ISINK = 50 µA, VDD > 1.0V
Reset
Output
Voltage
High (2)
TC1270A
VOH
0.8 VDD
—
—
V
R/S/T only,
ISOURCE = 500 µA, VDD = VTRIP(MAX)
TC1270A
VDD - 1.5
—
—
V
L/M only,
ISOURCE = 800 µA, VDD = VTRIP(MAX)
TC1271A
0.8 V
DD
——
V
ISOURCE = 500 µA, VDD  VTRIP(MIN)
Input Leakage Current
IIL
——
±1
µA
VPIN = VDD
Open-Drain RST Output
Leakage
IOLOD
—
—
1
µA
Open-Drain configuration only.
Capacitive Loading
Specification on Output
Pins
CIO
—
—
50
pF
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = –40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym.
Min.
Typ.(1)
Max.
Units
Test Conditions
Note 1: Data in the Typical (“Typ.”) column is at 5V, +25
C, unless otherwise stated.
2: RST output for TC1270A and TC1270AN, RST output for TC1271A.
3: TC127XA refers to the TC1270A, TC1270AN or TC1271A device.
4: Hysteresis is within the VTRIP(MIN) to VTRIP(MAX) window.
5: Custom-ordered voltage trip point. Minimum order volume requirement.
6: This specification allows this device to be used in PIC® microcontroller applications that require the
In-Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com