Electronic Components Datasheet Search
  English  ▼

X  

CD54HC112 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC112
Description  CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC112 Datasheet HTML 2Page - Texas Instruments CD54HC112 Datasheet HTML 3Page - Texas Instruments CD54HC112 Datasheet HTML 4Page - Texas Instruments CD54HC112 Datasheet HTML 5Page - Texas Instruments CD54HC112 Datasheet HTML 6Page - Texas Instruments CD54HC112 Datasheet HTML 7Page - Texas Instruments CD54HC112 Datasheet HTML 8Page - Texas Instruments CD54HC112 Datasheet HTML 9Page - Texas Instruments CD54HC112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
(2)
VI = VIH or VIL, unless otherwise noted.
5.5 Prerequisite for Switching Characteristics
PARAMETER
VCC (V)
25
℃
–40
℃ to 85℃
–55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tW
Pulse width CLK
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tW
Pulse width CLR, PRE
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tSU
Setup time J, K, to CLK
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tH
Hold time J, K, to CLK
2
0
0
0
ns
4.5
0
0
0
6
0
0
0
tREM
Removal time CLR to CLK, PRE to
CLK
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
fMAX
CLK frequency
2
6
5
4
MHz
4.5
30
25
20
6
35
29
23
HCT TYPES
tSU
Pulse width CLK
4.5
16
20
24
ns
tW
Pulse width CLR, PRE
4.5
18
23
27
ns
tH
Setup time J, K, to CLK
4.5
16
20
24
ns
tREM
Hold time J, K, to CLK
4.5
3
3
3
ns
tW
Removal time CLR to CLK, PRE to
CLK
4.5
20
25
30
ns
fMAX
CLK frequency
4.5
30
25
20
MHz
CD54HC112, CD74HC112, CD54HCT112, CD74HCT112
SCHS141J – MARCH 1998 – REVISED OCTOBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC112 CD74HC112 CD54HCT112 CD74HCT112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com