| Electronic Components Datasheet Search |
|
SN74LS240 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS240 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 41 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Sep-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples JM38510/32403SSA ACTIVE CFP W 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403SSA Samples M38510/32401B2A ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32401B2A Samples M38510/32401BRA ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32401BRA Samples M38510/32401BSA ACTIVE CFP W 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32401BSA Samples M38510/32402B2A ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32402B2A Samples M38510/32402BRA ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32402BRA Samples M38510/32402BSA ACTIVE CFP W 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32402BSA Samples M38510/32403B2A ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403B2A Samples M38510/32403BRA ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403BRA Samples M38510/32403BSA ACTIVE CFP W 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403BSA Samples M38510/32403SRA ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403SRA Samples M38510/32403SSA ACTIVE CFP W 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510/ 32403SSA Samples SN54LS240J ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 SN54LS240J Samples SN54LS241J ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 SN54LS241J Samples SN54LS244J ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 SN54LS244J Samples SN54S240J ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 SN54S240J Samples SN54S241J ACTIVE CDIP J 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 SN54S241J Samples Addendum-Page 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |