Electronic Components Datasheet Search
  English  ▼

X  

SN74LS240 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN74LS240 Datasheet HTML 24Page - Texas Instruments SN74LS240 Datasheet HTML 25Page - Texas Instruments SN74LS240 Datasheet HTML 26Page - Texas Instruments SN74LS240 Datasheet HTML 27Page - Texas Instruments SN74LS240 Datasheet HTML 28Page - Texas Instruments SN74LS240 Datasheet HTML 29Page - Texas Instruments SN74LS240 Datasheet HTML 30Page - Texas Instruments SN74LS240 Datasheet HTML 31Page - Texas Instruments SN74LS240 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Aug-2022
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-7801201VSA
W
CFP
20
25
506.98
26.16
6220
NA
7705701SA
W
CFP
20
1
506.98
26.16
6220
NA
78012012A
FK
LCCC
20
1
506.98
12.06
2030
NA
7801201SA
W
CFP
20
1
506.98
26.16
6220
NA
JM38510/32401B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
JM38510/32401BSA
W
CFP
20
1
506.98
26.16
6220
NA
JM38510/32402B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
JM38510/32402BSA
W
CFP
20
1
506.98
26.16
6220
NA
JM38510/32403B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
JM38510/32403BSA
W
CFP
20
1
506.98
26.16
6220
NA
JM38510/32403SSA
W
CFP
20
1
506.98
26.16
6220
NA
M38510/32401B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
M38510/32401BSA
W
CFP
20
1
506.98
26.16
6220
NA
M38510/32402B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
M38510/32402BSA
W
CFP
20
1
506.98
26.16
6220
NA
M38510/32403B2A
FK
LCCC
20
1
506.98
12.06
2030
NA
M38510/32403BSA
W
CFP
20
1
506.98
26.16
6220
NA
M38510/32403SSA
W
CFP
20
1
506.98
26.16
6220
NA
SN74LS240DW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LS240DWG4
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LS240N
N
PDIP
20
20
506
13.97
11230
4.32
SN74LS240NE4
N
PDIP
20
20
506
13.97
11230
4.32
SN74LS241DW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LS241N
N
PDIP
20
20
506
13.97
11230
4.32
SN74LS244DW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LS244N
N
PDIP
20
20
506
13.97
11230
4.32
SN74LS244NE4
N
PDIP
20
20
506
13.97
11230
4.32
SN74S240DW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74S240N
N
PDIP
20
20
506
13.97
11230
4.32
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com