Electronic Components Datasheet Search
  English  ▼

X  

SN74LS240 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LS240 Datasheet HTML 4Page - Texas Instruments SN74LS240 Datasheet HTML 5Page - Texas Instruments SN74LS240 Datasheet HTML 6Page - Texas Instruments SN74LS240 Datasheet HTML 7Page - Texas Instruments SN74LS240 Datasheet HTML 8Page - Texas Instruments SN74LS240 Datasheet HTML 9Page - Texas Instruments SN74LS240 Datasheet HTML 10Page - Texas Instruments SN74LS240 Datasheet HTML 11Page - Texas Instruments SN74LS240 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
tPHZ
tPLZ
tPZL
tPZH
3 V
0 V
Output
Control
(low-level
enabling)
Waveform 1
(see Notes C
and D)
Waveform 2
(see Notes C
and D)
≈1.5 V
VOH 0.3 V
–
VOL + 0.3 V
≈1.5 V
1.3 V
1.3 V
1.3 V
1.3 V
VOL
VOH
t
tPZH
≈1.5 V
V
VOL
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
(see Note D)
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note D)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3 V
3 V
0 V
0 V
t
t
h
su
Timing
Input
Data
Input
1.3 V
1.3 V
1.3 V
8
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
Figure 6. Voltage Waveforms,
Setup and Hold Times
Figure 7. Voltage Waveforms,
Propagation Delay Times
A.
CL includes probe and jig capacitance.
B.
All diodes are 1N3064 or equivalent.
C.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the
output control.
D.
S1 and S2 are closed for tPLH, tPHL, tPHZ, and tPLZ; S1 is open and S2 is closed for tPZH; S1 is closed and S2 is open
for tPZL.
E.
Phase relationships between inputs and outputs have been chosen arbitrarily for these examples.
F.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO is approximately
50 Ω, tr ≤ 15 ns, tf ≤ 6 ns.
G.
The outputs are measured one at a time with one input transition per measurement.
Figure 8. Voltage Waveforms,
Enable and Disable Times, 3-State Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com