Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWRG4 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWRG4
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC555CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 25Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Control Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
D015
Clock period = 1 RC
Clock period = 2.5 RC
22
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.1 Design Requirements
The clock input must have VOL and VOH levels that are less than and greater than 1/3 VDD, respectively. Clock
input VOL time must be less than minimum output high time, therefore a high (positive) duty cycle clock is
recommended. Minimum recommended modulation voltage is 1 V. Lower CONT voltage can greatly increase
threshold comparator’s propagation delay and storage time. The application must be tolerant of a nonlinear
transfer function; the relationship between modulation input and pulse width is not linear because the capacitor
charge is RC based with an negative exponential curve.
8.2.2.2 Detailed Design Procedure
Choose RA and C so that RA × C is same or less than clock input period. Figure 21 shows the non linear
relationship between control voltage and output duty cycle. Duty cycle is function of control voltage and clock
period relative to RC time constant.
8.2.2.3 Application Curve
Figure 21. Pulse-Width-Modulation vs Control Voltage
Clock Duty Cycle 98%, VDD = 5 V
8.2.3 Pulse-Position Modulation
As shown in Figure 22, any of these timers can be used as a pulse-position modulator. This application
modulates the threshold voltage and thereby the time delay of a free-running oscillator. Figure 23 and Figure 24
shows the output frequency and duty cycle versus control voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com