Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWRG4
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC555CPWRG4 Datasheet HTML 2Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 3Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network GND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)Continuous total power dissipation and lead temperature
parameters from Absolute Maximum Ratings
MIN
MAX
UNIT
Voltage
Supply, VDD
(2)
–0.3
18
V
Input, any input
–0.3
VDD
Discharge
–0.3
18
Current
Sink, discharge or output
150
mA
Source, output, IO
15
Temperature
Operating, TA
C-suffix
0
70
°C
I-suffix
–40
85
Q-suffix
–40
125
M-suffix
–55
125
Case, for 60 seconds
FK package
–65
150
Storage, Tstg
–65
150
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
TLC555C
2
15
V
TLC555I
3
15
TLC555M
5
15
TLC555Q
5
15
Operating free-air
temperature, TA
TLC555C
0
70
°C
TLC555I
–40
85
TLC555M
–55
125
TLC555Q
–40
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.3 Thermal Information
THERMAL METRIC(1)
TLC555
UNIT
D
(SOIC)
FK
(LCCC)
JG
(CDIP)
P
(PDIP)
PS
(SOP)
PW
(TSSOP)
8 PINS
20 PINS
8 PINS
8 PINS
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
113
n/a
120
58
120
135
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58
37
81
48
72
61
°C/W
RθJB
Junction-to-board thermal resistance
55
36
110
35
69
77
°C/W
ψJT
Junction-to-top characterization
parameter
11
n/a
45
26
32
12
°C/W
ψJB
Junction-to-board characterization
parameter
54
n/a
103
35
68
77
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
n/a
4.3
31
n/a
n/a
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com