Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWRG4
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC555CPWRG4 Datasheet HTML 3Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC555CPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
(1)
Full range is 0°C to 70°C the for TLC555C, and –40°C to 85°C for the TLC555I. For conditions shown as Max, use the appropriate
value specified in the Recommended Operating Conditions table.
(2)
These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.
(3)
CPD is used to determine the dynamic power consumption.
(4)
PD = VDD
2 f
o (CPD + CL) where fo = output frequency, CL = output load capacitance, VDD = supply voltage
6.4 Electrical Characteristics: VDD = 2 V for TLC555C, VDD = 3 V for TLC555I
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25°C
TLC555C
0.95
1.33
1.65
V
TLC555I
1.6
2.4
Full range
TLC555C
0.85
1.75
TLC555I
1.5
2.5
IIT
Threshold current
25°C
TLC555C
10
pA
TLC555I
10
Max
TLC555C
75
TLC555I
150
VI(TRIG)
Trigger voltage
25°C
TLC555C
0.4
0.67
0.95
V
TLC555I
0.71
1
1.29
Full range
TLC555C
0.3
1.05
TLC555I
0.61
1.39
II(TRIG)
Trigger current
25°C
TLC555C
10
pA
TLC555I
10
Max
TLC555C
75
TLC555I
150
VI(RESET)
Reset voltage
25°C
TLC555C
0.4
1.1
1.5
V
TLC555I
0.4
1.1
1.5
Full range
TLC555C
0.3
2
TLC555I
0.3
1.8
Control voltage (open-circuit) as a
percentage of supply voltage
Max
TLC555C
66.7%
TLC555I
66.7%
Discharge switch on-stage
voltage
IOL = 1 mA, 25°C
TLC555C
0.03
0.2
V
TLC555I
0.03
0.2
IOL = 1 mA, Full range
TLC555C
0.25
TLC555I
0.375
Discharge switch off-stage
current
25°C
TLC555C
0.1
nA
TLC555I
0.1
Max
TLC555C
0.5
TLC555I
120
VOH
High-level output voltage
IOH = –300 µA, 25°C
TLC555C
1.5
1.9
V
TLC555I
2.5
2.85
IOH = –300 µA,
Full range
TLC555C
1.5
TLC555I
2.5
VOL
Low-level output voltage
IOL = 1 mA, 25°C
TLC555C
0.07
0.3
V
TLC555I
0.07
0.3
IOL = 1 mA, Full range
TLC555C
0.35
TLC555I
0.4
IDD
Supply current(2)
25°C
TLC555C
250
µA
TLC555I
250
Full range
TLC555C
400
TLC555I
500
CPD
Power dissipation
capacitance(3)(4)
25°C
TLC555C
80
pF
TLC555I
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com