Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 50 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9549 Datasheet HTML 46Page - Analog Devices AD9549 Datasheet HTML 47Page - Analog Devices AD9549 Datasheet HTML 48Page - Analog Devices AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices AD9549 Datasheet HTML 52Page - Analog Devices AD9549 Datasheet HTML 53Page - Analog Devices AD9549 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 50 of 78
cases, the status flags are monitored for a change of state in
either direction (see the diagram below).
Whether or not a particular state change is allowed to generate
an IRQ is dependent on the state of the bits in the IRQ Mask
Register. The user programs the mask to enable those events,
which are to constitute cause for an IRQ. If an unmasked event
occurs, it will trigger the IRQ latch and the IRQ Flag will be
asserted (active high). The state of the IRQ Flag is made
available externally via one of the programmable status pins
(see the Status Pins section of this document).
The automatic assertion of the IRQ Flag causes the contents of
the Status Register to be transferred to the IRQ Register. The
user can then read the IRQ Register any time after the
indication of an IRQ event (i.e., assertion of the IRQ Flag). By
noting the bits in the IRQ Register that is set, the cause of the
IRQ event can be determined.
Once the IRQ Register has been read, the user must set the IRQ
Reset bit in the appropriate control register via the serial I/O
port. This restores the IRQ Flag to its default state, clears the
IRQ status register, and resets the edge detection logic that
monitors the status flags in preparation for the next state
change.
Status
Flags
Status Register
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
Edge
Detect
IRQ Mask Register
IRQ
Reg.
IRQ Reset
Figure 36: Interrupt Request Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com