Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 54 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices AD9549 Datasheet HTML 52Page - Analog Devices AD9549 Datasheet HTML 53Page - Analog Devices AD9549 Datasheet HTML 54Page - Analog Devices AD9549 Datasheet HTML 55Page - Analog Devices AD9549 Datasheet HTML 56Page - Analog Devices AD9549 Datasheet HTML 57Page - Analog Devices AD9549 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 54 of 78
There are three types of registers on the AD9549: buffered, live,
and read-only. Buffered (also referred to as mirrored) registers
require an IO_UPDATE to transfer the new values from a
temporary buffer on the chip to the actual register, and are
marked with an “M” in the column labeled “Type” of the
register map. Toggling the IO_UPDATE pin or writing a “1” to
the Register Update bit (R05h<0>) will cause the update to
occur. Since any number of bytes of data can be changed before
issuing an update command, the update simultaneously enables
all register changes since any previous update. Live registers do
not require IO_UPDATE and update immediately after being
written. Read-only registers ignore write commands, and are
marked “RO” in the “Type” column of the register map. The
“Type” column of the register map may also have an “AC,”
which indicates that the register is auto-clearing.
Read
If the instruction word is for a read operation (I15 = 1b), the
next N × 8 SCLK cycles clock out the data from the address
specified in the instruction word, where N is 1,2,3,4 as
determined by W1:W0. In this case, 4 is used for streaming
mode where 4 or more words are transferred per read. The data
read back is valid on the falling edge of SCLK.
The default mode of the AD9549 serial control port is
bidirectional mode, and the data read back appears on the
SDIO pin. It is possible to set the AD9549 to unidirectional
mode by writing the SDO enable register at 00h<7> = 0b, and in
that mode, the requested data appears on the SDO pin.
By default, a read request reads the register value that is
currently in use by the AD9549. However, setting R04h<0>=1
will cause the “buffered” registers to be read instead. The
buffered registers are the ones that will take effect during the
next IO_UPDATE.
SCLK
SDIO
SDO
CSB
UPDATE
REGISTERS
toggle
IO_UPDATE
pin
SERIAL
CONTROL
PORT
AD9549
CORE
Figure 38: Relationship Between Serial Control Port Register Buffers
and Control Registers of the AD9549
The AD9549 uses Addresses 00h to 509h. Although the
AD9549 serial control port allows both 8-bit and 16-bit
instructions, the 8-bit instruction mode provides access to five
address bits (A4 to A0) only, which restricts its use to the
address space 00h to 01F. The AD9549 defaults to 16-bit
instruction mode on power-up, and the 8-bit instruction mode
is not supported.
THE INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates
whether the instruction is a read or a write. The next two bits,
W1:W0, indicate the length of the transfer in bytes. The final 13
bits are the address (A12:A0) at which to begin the read or write
operation.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits W1:W0, which is interpreted
according to Table 6.
A12:A0
: These 13 bits select the address within the register map
that is written to or read from during the data transfer portion
of the communications cycle. The AD9549 uses all of the 13-bit
address space. For multi-byte transfers, this address is the
starting byte address.
W1
W0
Bytes to Transfer
(excluding the two-byte instruction)
0
0
1
0
1
2
1
0
3
1
1
Streaming Mode
Table 6: Byte Transfer Count
MSB/LSB FIRST TRANSFERS
The AD9549 instruction word and byte data may be MSB first
or LSB first. The default for the AD9549 is MSB first. The LSB
first mode may be set by writing 1b to Register 00h<6>, and
requires that an I/O Update be executed. Immediately after the
LSB, first bit is set, all serial control port operations are changed
to LSB first order.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multi-byte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from high address to low
address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the multi-
byte transfer cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com