Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices AD9549 Datasheet HTML 52Page - Analog Devices AD9549 Datasheet HTML 53Page - Analog Devices AD9549 Datasheet HTML 54Page - Analog Devices AD9549 Datasheet HTML 55Page - Analog Devices AD9549 Datasheet HTML 56Page - Analog Devices AD9549 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 53 of 78
SERIAL CONTROL PORT
The AD9549 serial control port is a flexible, synchronous, serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. Single
or multiple byte transfers are supported, as well as MSB first or
LSB first transfer formats. The AD9549 serial control port can
be configured for a single bidirectional I/O pin (SDIO only) or
for two unidirectional I/O pins (SDIO/SDO).
SERIAL CONTROL PORT PIN DESCRIPTIONS
SCLK
(serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and
writes. Write data bits are registered on the rising edge of this
clock, and read data bits are registered on the falling edge. This
pin is internally pulled down by a 30 kΩ resistor to ground.
SDIO
(serial data input/output) is a dual-purpose pin and acts
as input only or input/output. The AD9549 defaults to
bidirectional pins for I/O. Alternatively, SDIO can be used as a
unidirectional I/O pin by writing to the SDO active register at
00h<7> = 1b. In this case, SDIO is the input, and SDO is the
output.
SDO
(serial data out) is used only in the unidirectional I/O
mode (00h<7> = 1) as a separate output pin for reading back
data. Bidirectional I/O mode (using SDIO as both input and
output) is active by default and (i.e. SDO enable register at
00h<7> = 0).
CSB
(chip select bar) is an active low control that gates the read
and write cycles. When CSB is high, SDO and SDIO are in a
high impedance state. This pin is internally pulled up by a
100 kΩ resistor to 3.3V. It should not be left floating. See the
Operation of Serial Control Port section on the use of the CSB
in a communication cycle.
SCLK (PIN 64)
SDIO (PIN 63)
SDO (PIN 62)
CSB (PIN 61)
AD9549
SERIAL
CONTROL
PORT
Figure 37: Serial Control Port
OPERATION OF SERIAL CONTROL PORT
Framing a Communication Cycle with CSB
A communications cycle (a write or a read operation) is gated
by the CSB line. CSB must be brought low to initiate a
communication cycle.
CSB stall high is supported in modes where three or fewer bytes
of data (plus instruction data) are transferred (W1:W0 must be
set to 00, 01, or 10, see Table 6 below). In these modes, CSB can
temporarily return high on any byte boundary, allowing time
for the system controller to process the next byte. CSB can go
high on byte boundaries only and can go high during either
part (instruction or data) of the transfer. During this period, the
serial control port state machine enters a wait state until all data
has been sent. If the system controller decides to abort the
transfer before all of the data is sent, the state machine must be
reset by either completing the remaining transfer or by
returning the CSB low for at least one complete SCLK cycle (but
less than eight SCLK cycles). Raising the CSB on a non-byte
boundary terminates the serial transfer and flushes the buffer.
In the streaming mode (W1:W0 = 11b), any number of data
bytes can be transferred in a continuous stream. The register
address is automatically incremented or decremented (see the
MSB/LSB First Transfers section). CSB must be raised at the
end of the last byte to be transferred, thereby ending the stream
mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9549.
The first writes a 16-bit instruction word into the AD9549,
coincident with the first 16 SCLK rising edges. The instruction
word provides the AD9549 serial control port with information
regarding the data transfer, which is the second part of the
communication cycle. The instruction word defines whether
the upcoming data transfer is a read or a write, the number of
bytes in the data transfer, and the starting register address for
the first byte of the data transfer.
Write
If the instruction word is for a write operation (I15 = 0b), the
second part is the transfer of data into the serial control port
buffer of the AD9549. The length of the transfer (1, 2, 3 bytes,
or streaming mode) is indicated by 2 bits (W1:W0) in the
instruction byte. The length of the transfer indicated by
(W1:W0) does not include the two-byte instruction. CSB can be
raised after each sequence of 8 bits to stall the bus (except after
the last byte, where it ends the cycle). When the bus is stalled, the
serial transfer resumes when CSB is lowered. Stalling on non-byte
boundaries resets the serial control port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com