Electronic Components Datasheet Search
  English  ▼

X  

SP6133 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6133
Description  Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6133 Datasheet HTML 3Page - Sipex Corporation SP6133 Datasheet HTML 4Page - Sipex Corporation SP6133 Datasheet HTML 5Page - Sipex Corporation SP6133 Datasheet HTML 6Page - Sipex Corporation SP6133 Datasheet HTML 7Page - Sipex Corporation SP6133 Datasheet HTML 8Page - Sipex Corporation SP6133 Datasheet HTML 9Page - Sipex Corporation SP6133 Datasheet HTML 10Page - Sipex Corporation SP6133 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Oct 24-06 Rev L
SP633 Synchronous Buck Controller
© 2006 Sipex Corporation
THEORY OF OPERATION
compensationschemeswithadequategain
andphasemarginsatcrossoverfrequencies
greater than 200 kHz.
The common mode output of the error ampli-
fier(COMP)is0.9Vto2.2V.Therefore,the
PWM voltage ramp has been set between
.0V and 2.0V to ensure proper 0% to 00%
duty cycle capability. The voltage loop also
includes two other very important features.
One is a non-synchronous start up mode.
Basically,theGLdrivercannotturnonunless
the GH driver has attempted to turn on or
the SS pin has exceeded .7V. This feature
preventsthecontrollerfrom“draggingdown”
the output voltage during startup or in fault
modes. The second feature is a 00% duty
cycle timeout that ensures synchronized
refreshing of the BST capacitor at very high
duty ratios. In the event that the GH driver is
on for 20 continuous clock cycles, a reset is
giventothePWMflipflophalfwaythrough
the 20th cycle. This forces GL to rise for the
remainder of the cycle, in turn refreshing the
BST capacitor.
Gate Drivers
The SP633 contains a pair of powerful 2Ω
Pull-up and .5Ω Pull-down drivers. These
state-of-the-art drivers are designed to drive
an external NFET capable of handling up to
30A. Rise, fall, and non-overlap times have
all been minimized to achieve maximum
efficiency.All drive pins GH, GL, & SWN
are monitored continuously to ensure that
only one external NFET is ever on at any
given time.
Thermal & Short-Circuit Protection
Because the SP633 is designed to drive
large NFETs running at high current, there is
a chance that either the controller or power
converter will become too hot. Therefore, an
internalthermalshutdown(145°C)hasbeen
included to prevent the IC from malfunction-
ing at extreme temperatures.
Over-Current Protection
Over-current is detected by monitoring a
differential voltage across the output induc-
torasshowninfigure1.Inputstoanover-
current detection comparator, set to trigger
at 60 mV nominal, are connected to the in-
ductor as shown.
Since the average voltage sensed by the
comparator is equal to the product of in-
ductor current and inductor DC resistance
(DCR) then Imax = 60mV / DCR. Solving
thisequationforthespecificinductorincir-
cuit , Imax = 4.6A. When Imax is reached,
a 220 ms time-out is initiated, during which
top and bottom drivers are turned off. Fol-
lowing the time-out, a restart is attempted.
If the fault condition persists, then the time-
out is repeated (referred to as hiccup).
Figure 1: Over-current detection circuit
ISN
SP613X
SWN
ISP
Vout
L = 2.7uH, DCR = 4.mOhm
RS
5.K
RS2
5.K
CS
0.uF
CSP
6.8nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com