Electronic Components Datasheet Search
  English  ▼

X  

SP6133 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6133
Description  Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6133 Datasheet HTML 1Page - Sipex Corporation SP6133 Datasheet HTML 2Page - Sipex Corporation SP6133 Datasheet HTML 3Page - Sipex Corporation SP6133 Datasheet HTML 4Page - Sipex Corporation SP6133 Datasheet HTML 5Page - Sipex Corporation SP6133 Datasheet HTML 6Page - Sipex Corporation SP6133 Datasheet HTML 7Page - Sipex Corporation SP6133 Datasheet HTML 8Page - Sipex Corporation SP6133 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image

Oct 24-06 Rev L
SP633 Synchronous Buck Controller
© 2006 Sipex Corporation
FEATURES
■
5V to 24V Input step down converter
■
Up to 30A output capability
■
Highly integrated design, minimal components
■
UVLO Detects Both VCC and VIN
■
Overcurrent circuit protection with auto-restart
■
Power Good Output, ENABLE Input
■
Maximum Controllable Duty Cycle Ratio up to 92%
■
Wide BW amp allows Type II or III compensation
■
Programmable Soft Start
■
Fast Transient Response
■
HighEfficiency:Greaterthan95%possible
■
Available in Lead Free, RoHS Compliant
6-Pin QFN package
■
External Driver Enable/Disable
■
U.S. Patent #6,922,04
The SP633 is a synchronous step-down switching regulator controller optimized for high
efficiency.Thepartisdesignedtobeespeciallyattractiveforsinglesupplystepdowncon-
version from 5V to 24V. The SP633 is designed to drive a pair of external NFETs using a
fixed300kHzfrequency,PWMvoltagemodearchitecture.ProtectionfeaturesincludeUVLO,
thermal shutdown, output short circuit protection, and overcurrent protection with auto restart.
The device also features a PWRGD output and an enable input. The SP633 is available in
a space saving 6-pin QFN and offers excellent thermal performance.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
ISN
SP6133
16 Pin QFN
3mm x 3mm
8
7
6
5
4
3
2
1
GH
GL
PGND
VFB
12
11
10
9
16
15
14
13
GND
ISP
SWN
NC
CBST
0.1uF
R1
68.1K, 1%
RZ3
1K
R2
21.5K, 1%
MT, Si4394DY
9.75 mOhm, 30V
CZ3
560pF
CP1
39 pF
RZ2
23.2K
CZ2
1500pF
CF1
22pF
10-15V
CSP
6.8nF
VIN
GND
GND
VOUT
POWERGOOD
VCC
VFB
COMP
SS
PGND
GND
PWRGD
ISN
EN
ISP
CSS
47nF
GL
SWN
UVIN
BST
GH
3.3V
0-10A
VIN
DBST
BAT54WS
CVCC
10uF
C5
0.1uF
R3 10K
SP6133
C2
22uF
CS
0.1uF
RS2
5.11K
RS1
5.11K
SC5018-2R7M
2.7uH, 15A, 4.1mOhm
C3
100uF
ENABLE
C1
22uF
C4
100uF
MB, Si4320DY
4 mOhm, 30V
Note: Die attach paddle is internally connected to GND.
SP6133
Synchronous Buck Controller
Solved by
TM


Similar Part No. - SP6133

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
507Kb / 10P
Evaluation Board Manual
logo
Exar Corporation
SP6133 EXAR-SP6133 Datasheet
1Mb / 20P
Synchronous Buck Controller
logo
Sipex Corporation
SP6133EB SIPEX-SP6133EB Datasheet
507Kb / 10P
Evaluation Board Manual
SP6133ER1 SIPEX-SP6133ER1 Datasheet
507Kb / 10P
Evaluation Board Manual
SP6133 SIPEX-SP6133_06 Datasheet
507Kb / 10P
Evaluation Board Manual
More results

Similar Description - SP6133

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
ON Semiconductor
NCP81148 ONSEMI-NCP81148 Datasheet
189Kb / 11P
Synchronous Buck Controller
January, 2014 ??Rev. P0
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com