Electronic Components Datasheet Search
  English  ▼

X  

BUT211 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUT211
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT211 Datasheet(HTML) 1 Page - NXP Semiconductors

  BUT211 Datasheet HTML 1Page - NXP Semiconductors BUT211 Datasheet HTML 2Page - NXP Semiconductors BUT211 Datasheet HTML 3Page - NXP Semiconductors BUT211 Datasheet HTML 4Page - NXP Semiconductors BUT211 Datasheet HTML 5Page - NXP Semiconductors BUT211 Datasheet HTML 6Page - NXP Semiconductors BUT211 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT211
GENERAL DESCRIPTION
Enhanced performance, new generation, high speed switching npn transistor in TO220AB envelope specially suited
for high frequency electronic lighting ballast applications.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
850
V
V
CEO
Collector-emitter voltage (open base)
-
400
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
10
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
100
W
V
CEsat
Collector-emitter saturation voltage
I
C = 3.0 A; IB = 0.4 A
-
2.0
V
t
f
Inductive fall time
I
Con = 3.0 A; IBon = 0.3 A
-
0.1
µs
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
850
V
V
CEO
Collector-emitter voltage (open base)
-
400
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
10
A
I
B
Base current (DC)
-
2
A
I
BM
Base current peak value
-
4
A
P
tot
Total power dissipation
T
mb ≤
25 ˚C
-
100
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
1.25
K/W
R
th j-a
Junction to ambient
in free air
-
60
K/W
12 3
tab
b
c
e
March 1996
1
Rev 1.100


Similar Part No. - BUT211

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUT211 ISC-BUT211 Datasheet
259Kb / 2P
isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BUT211X PHILIPS-BUT211X Datasheet
57Kb / 7P
Silicon Diffused Power Transistor
March 1996 Rev 1.000
logo
Inchange Semiconductor ...
BUT211X ISC-BUT211X Datasheet
247Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUT211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com