Electronic Components Datasheet Search
  English  ▼

X  

BUW13AF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUW13AF
Description  Silicon diffused power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW13AF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUW13AF Datasheet HTML 6Page - NXP Semiconductors BUW13AF Datasheet HTML 7Page - NXP Semiconductors BUW13AF Datasheet HTML 8Page - NXP Semiconductors BUW13AF Datasheet HTML 9Page - NXP Semiconductors BUW13AF Datasheet HTML 10Page - NXP Semiconductors BUW13AF Datasheet HTML 11Page - NXP Semiconductors BUW13AF Datasheet HTML 12Page - NXP Semiconductors BUW13AF Datasheet HTML 13Page - NXP Semiconductors BUW13AF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Aug 13
10
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13F; BUW13AF
Fig.14 Test circuit inductive load and reverse
bias SOAR.
VCL ≤ up to 1000 V; VCC = 30 V; VBE = −5 V; LB =1 µH;
LC = 200 µH.
handbook, halfpage
MGE246
+IB
−VBE
LB
LC
VCC
D.U.T.
VCL
Fig.15 Switching time waveforms with
inductive load.
handbook, halfpage
MGE238
tr
90%
10%
IB
IB on
−IB off
IC on
90%
10%
IC
t
t
ts
toff
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com