Electronic Components Datasheet Search
  English  ▼

X  

3422 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3422
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422 Datasheet(HTML) 2 Page - Unisonic Technologies

  3422 Datasheet HTML 1Page - Unisonic Technologies 3422 Datasheet HTML 2Page - Unisonic Technologies 3422 Datasheet HTML 3Page - Unisonic Technologies 3422 Datasheet HTML 4Page - Unisonic Technologies 3422 Datasheet HTML 5Page - Unisonic Technologies 3422 Datasheet HTML 6Page - Unisonic Technologies 3422 Datasheet HTML 7Page - Unisonic Technologies 3422 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTC3422
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-029,A
BLOCK DIAGRAM (1/2 Shown)
20μA
250μA
20μA
ESD
130μA
130μA
Vcc+
600μA
Cc
Output
Non Inverting
Input
Inverting Input
ESD
Vcc-
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
±
18 ~ 36
V
Differential Input Voltage (1)
Vid
±
36
V
Input Voltage (see note 1)
Vi
±
18
V
Output Short-Circuit Duration (2)
Infinite
Operating Free-Air Temperature Range
Toper
-40 ~ +125
Maximum Junction Temperature
Tj
+150
Storage Temperature Range
Tstg
-65 ~ +150
Maximum Power Dissipation (see note 2)
Ptot
500
mW
Notes: 1. Either or both input voltages must not exceed the magnitude of VCC+ or VCC-
2. Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded
OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
3 ~ 30
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com