Electronic Components Datasheet Search
  English  ▼

X  

3422 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3422
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422 Datasheet(HTML) 5 Page - Unisonic Technologies

  3422 Datasheet HTML 1Page - Unisonic Technologies 3422 Datasheet HTML 2Page - Unisonic Technologies 3422 Datasheet HTML 3Page - Unisonic Technologies 3422 Datasheet HTML 4Page - Unisonic Technologies 3422 Datasheet HTML 5Page - Unisonic Technologies 3422 Datasheet HTML 6Page - Unisonic Technologies 3422 Datasheet HTML 7Page - Unisonic Technologies 3422 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTC3422
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R105-029,A
PHASE INVERSION
At high differential input voltage, the UTC 3422 keeps the right output level thanks to its specific input structures.
The advantage is obvious on the following figures and can be also an advantage in linear use when saturation might
occure.
Figure 5 & 6 show the behaviour in follower stage with saturation output of UTC 3422 versus 15MHz standard
operational amplifier.
0
2
Time (50μs/div)
Figure.5 Behaviour with TSH22
4
6
8
Vid
Vo
-2
-4
-6
-8
Ta=25℃
Vcc=±5V
Av=+1
RL=2kΩ
0
2
Time (50μs/div)
Figure.6 Saturation behaviour with 15MHz
standard operational amplifier
4
6
8
Vid
Vo
-2
-4
-6
-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com