Electronic Components Datasheet Search
  English  ▼

X  

3422 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3422
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422 Datasheet(HTML) 3 Page - Unisonic Technologies

  3422 Datasheet HTML 1Page - Unisonic Technologies 3422 Datasheet HTML 2Page - Unisonic Technologies 3422 Datasheet HTML 3Page - Unisonic Technologies 3422 Datasheet HTML 4Page - Unisonic Technologies 3422 Datasheet HTML 5Page - Unisonic Technologies 3422 Datasheet HTML 6Page - Unisonic Technologies 3422 Datasheet HTML 7Page - Unisonic Technologies 3422 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTC3422
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-029,A
ELECTRICAL CHARACTERISTICS (Vcc+=15V, Vcc-=-15V, Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
Vio
Vic=0V, Vo=0V
Vcc+=+15V, Vcc-=-15V
Tmin≤Ta≤Tmax
Vcc+=+5V, Vcc-=0V
2.5
3.5
2.5
mV
Input Offset Voltage Drift
△
Vio
Vic=0V, Vo=0V
2
μ
V/℃
Input Offset Current
Iio
Vic=0V, Vo=0V
3
65
nA
Input Bias Current
Iib
Vic=0V, Vo=0V
100
650
nA
Common Mode Input
Voltage Range
Vicm
Vcc- to
Vcc+-1.8
V
Large Signal Voltage
Gain
Avd
RL=2kΩ, Vo=0V ~ +10V
Tmin≤Ta≤Tmax
32
20
100
V/mV
Output Voltage Swing
±
Vopp
Vid=±1V
Vcc+=+15V, Vcc-=-15V, RL=2kΩ, VOH
VOL
RL=2kΩ,VOH
VOL
Vcc+=+5V, Vcc-=0V, RL=2kΩ,
VOH
VOL
13.4
13.4
3.7
13.9
-13.9
14
-14.7
0.15
-13.5
-14.1
0.2
V
Output Short Circuit
Current
Io
Vid=±1V, Vo=0V, Source
Sink
25
25
37
37
mA
Common Mode Rejection
Ratio
CMR
Vic=-15V ~ +13.2V
80
100
dB
Supply Voltage Rejection
Ratio
SVR
Vcc+/Vcc-=+15V/-15V ~ +5V/-5V
90
105
dB
Supply Current
Icc
Vo=0V,no load, each amplifier
Vcc+ =+15V, Vcc-=-15V
Tmin≤Ta≤Tmax
Vcc+=+5V, Vcc-=0V
2.15
2.75
3
2.75
mA
Slew Rate
SR
Vi=-10V ~ 10V, CL=100pF, RL=2kΩ,
Av=+1
8
15
V/μs
Gain Bandwith Product
GBP
f=100kHz, RL=2kΩ, CL=100pF
17
25
MHz
Unity Gain Bandwith
B
Open loop
5
MHz
Phase Margin
∅m
RL=2kΩ
RL=2kΩ, CL=100pF
50
40
Degrees
Equivalent Input Noise
Voltage
en
Rs=100Ω, f=1kHz
14
nV
√
Hz
Channel Separation
Vo1/Vo2
f=20Hz ~ 20kHz
120
dB
Total Harmonic Distortion
THD
Vcc=±15V, f=1kHz, AVCL=20dB,
RL=600Ω, Vo=3Vrms
0.003
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com