Electronic Components Datasheet Search
  English  ▼

X  

3541 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3541
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541 Datasheet(HTML) 2 Page - Unisonic Technologies

  3541 Datasheet HTML 1Page - Unisonic Technologies 3541 Datasheet HTML 2Page - Unisonic Technologies 3541 Datasheet HTML 3Page - Unisonic Technologies 3541 Datasheet HTML 4Page - Unisonic Technologies 3541 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC 3541
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R502-035,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7
V
Electrostatic Discharge
VESD
-3000 ~ 3000 *
1
V
Output Short-circuit Duration (Ta=25℃, Ptot=1W)
tsc(o)
20
S
Operating Ambient Temperature range
Ta
-40 ~ 85
℃
Maximum Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-65 ~ 150
℃
Soldering Temperature (10 seconds)
Tsolder
260
℃
*1. Human body model: C=100pF, R=1500Ω, 3 positive pulses plus 3 negative pulses.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
109
Thermal Resistance from Junction to
Ambient in Free Air
SOP-8
θJA
210
K/W
DIP-8
45
Thermal Resistance from Junction to Case
SOP-8
θJC
40
K/W
ELECTRICAL CHARACTERISTICS
(VIN=0dBV, VCC=5V, Ta=25℃, f=1kHz, RL=32Ω, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.0
5.0
6.0
V
Mute Terminal Voltage
VTM
0.3
0.7
1.6
V
Quiescent Current
IQ
VIN = 0Vrms
3.5
5
mA
Mute Current
Imute
200
µA
Voltage Gain
GVCL
VIN = 1Vrms, f =1kHz, RL=32Ω
-2
0
2
dB
Differential Channel Voltage Gain
∆GVCL
-0.5
0
0.5
dB
Total Harmonic Channel Distortion
Factor
THD
BW<120 kHz
0.03
0.1
%
Rated Output Power 1
PO1
RL=32Ω, THD+N = 0.1%, BW<120 kHz
50
55
mW
Rated Output Power 2
PO2
RL=16Ω, THD+N = 0.1%, BW<120 kHz
105
110
mW
Output Noise Voltage
VNO
BW= 20 ~ 20 kHz, VIN = 0Vrms
-93
-85
dBv
Channel Separation
CS
f =1 kHz
-90
-92.5
dB
Mute Attenuation
ATT
VIN = 1Vrms, f =1 kHz, Mute=L
65
70
dB
Ripple Rejection
RR
FRR =100Hz, VRR = -20dBV
50
60
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com