Electronic Components Datasheet Search
  English  ▼

X  

3541 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3541
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541 Datasheet(HTML) 3 Page - Unisonic Technologies

  3541 Datasheet HTML 1Page - Unisonic Technologies 3541 Datasheet HTML 2Page - Unisonic Technologies 3541 Datasheet HTML 3Page - Unisonic Technologies 3541 Datasheet HTML 4Page - Unisonic Technologies 3541 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC 3541
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
www.unisonic.com.tw
QW-R502-035,A
TEST AND APPLICATION CIRCUIT
1µ F
+ A
+ B
1µ F
1µ F
220µ F
100µ F
220µ F
OUT 1
Mute
IN 1
VSS
2
MUTE
0dB
BIAS
UTC 3541
IN 2
BIAS
OUT 2
VDD
VINB
100kΩ
VINA
VDD
1
3
4
7
8
6
5
0dB
VMUTE
H : Speaker Action
L : Mute on
10µ F
04
6
8
8
7
6
4
2
5
3
1
0
2
RL = 32Ω
MUTE : OFF
MUTE : ON
04
8
5
4
3
2
1
0
26
10
Supply Voltage, V DD (V)
Supply Voltage, VDD (V)
RL = 32Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com