Electronic Components Datasheet Search
  English  ▼

X  

3541 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3541
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541 Datasheet(HTML) 4 Page - Unisonic Technologies

  3541 Datasheet HTML 1Page - Unisonic Technologies 3541 Datasheet HTML 2Page - Unisonic Technologies 3541 Datasheet HTML 3Page - Unisonic Technologies 3541 Datasheet HTML 4Page - Unisonic Technologies 3541 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC 3541
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
www.unisonic.com.tw
QW-R502-035,A
+4
10
1k
10k
-8
+8
-4
100k
+0
-12
Frequency, f (Hz)
-10
00.8
1.2
1.6
-60
10
-40
0.4
2
-20
-80
Mute Control Voltage, VTM (V)
100
0
-30
-50
-70
VDD = 5V
VIN = 0dBV
f = 1kHz
RL = 32Ω
-10
-6
+6
+2
-2
VDD = 5V
VIN = 0dBV
120k
-20
10
1k
10k
-100
+0
100k
-120
Frequency, f (Hz)
100
-80
-40
-60
-20
10
1k
10k
-90
+0
100k
-100
Frequency, f (Hz)
100
-80
-40
-60
-10
-30
-50
-70
VDD = 5V
RL = 32Ω
VDD = 5V
VIN = 0dBv
RL = 32Ω
04
8
26
10
Supply Voltage, VDD (V)
fRR=100Hz
VRR=-20dBv
RL=32Ω
0
-20
-40
-60
-80
-100
-90
-70
-50
-30
-10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com