Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 35Page - Texas Instruments CC2500 Datasheet HTML 36Page - Texas Instruments CC2500 Datasheet HTML 37Page - Texas Instruments CC2500 Datasheet HTML 38Page - Texas Instruments CC2500 Datasheet HTML 39Page - Texas Instruments CC2500 Datasheet HTML 40Page - Texas Instruments CC2500 Datasheet HTML 41Page - Texas Instruments CC2500 Datasheet HTML 42Page - Texas Instruments CC2500 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 39 of 83
The programmable conditions are:
•
MCSM2.RX_TIME_QUAL=0
:
Continue
receive if sync word has been found
•
MCSM2.RX_TIME_QUAL=1
:
Continue
receive if sync word has been found or
preamble quality is above threshold (PQT)
If the system can expect the transmission to
have started when enabling the receiver, the
MCSM2.RX_TIME_RSSI
function can be used.
The radio controller will then terminate RX if
the first valid carrier sense sample indicates
no carrier (RSSI below threshold). See Section
17.4 on page 32 for details on Carrier Sense.
For OOK modulation, lack of carrier sense is
only considered valid after eight symbol
periods. Thus, the MCSM2.RX_TIME_RSSI
function can be used in OOK mode when the
distance between “1” symbols is 8 or less.
If RX terminates due to no carrier sense when
the MCSM2.RX_TIME_RSSI function is used,
or if no sync word was found when using the
MCSM2.RX_TIME
timeout function, the chip
will always go back to IDLE if WOR is disabled
and back to SLEEP if WOR is enabled.
Otherwise, the MCSM1.RXOFF_MODE setting
determines the state to go to when RX ends.
Note that in wake-on-radio (WOR) mode, the
WOR state is cleared in the latter case. This
means that the chip will not automatically go
back to SLEEP again but to IDLE, even if e.g.
the address field in the packet did not match. It
is therefore recommended to always wake up
the microcontroller on sync word detection
when using WOR mode. This can be done by
selecting output signal 6 (see Table 33 on
page 47) on one of the programmable GDO
output
pins,
and
programming
the
microcontroller to wake up on an edge-
triggered interrupt from this GDO pin.
20 Data FIFO
The
CC2500 contains two 64 byte FIFOs, one
for received data and one for data to be
transmitted. The SPI interface is used to read
from the RX FIFO and write to the TX FIFO.
Section 10.5 contains details on the SPI FIFO
access. The FIFO controller will detect
overflow in the RX FIFO and underflow in the
TX FIFO.
When writing to the TX FIFO it is the
responsibility of the MCU to avoid TX FIFO
overflow. A TX FIFO overflow will result in an
error in the TX FIFO content.
Likewise, when reading the RX FIFO the MCU
must avoid reading the RX FIFO past its
empty value, since an RX FIFO underflow will
result in an error in the data read out of the RX
FIFO.
The chip status byte that is available on the SO
pin while transferring the SPI address contains
the fill grade of the RX FIFO if the address is a
read operation and the fill grade of the TX
FIFO if the address is a write operation.
Section 10.1on page 21 contains more details
on this.
The number of bytes in the RX FIFO and TX
FIFO can also be read from the status
registers
RXBYTES.NUM_RXBYTES
and
TXBYTES.NUM_TXBYTES
respectively. If a
received data byte is written to the RX FIFO at
the exact same time as the last byte in the RX
FIFO is read over the SPI interface, the RX
FIFO pointer is not properly updated and the
last read byte is duplicated.
For packet lengths less than 64 bytes it is
recommended to wait until the complete
packet has been received before reading it out
of the RX FIFO.
If the packet length is larger than 64 bytes the
MCU must determine how many bytes can be
read
from
the
RX
FIFO
(RXBYTES.NUM_RXBYTES-1)
and
the
following software routine can be used:
1. Read
RXBYTES.NUM_RXBYTES
repeatedly at a rate guaranteed to be at
least twice that of which RF bytes are
received until the same value is returned
twice; store value in n
.
2. If n < # of bytes remaining in packet, read
n
-1 bytes from the RX FIFO.
3. Repeat steps 1 and 2 until n = # of bytes
remaining in the packet.
4. Read the remaining bytes from the RX
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com