Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 70Page - Texas Instruments CC2500 Datasheet HTML 71Page - Texas Instruments CC2500 Datasheet HTML 72Page - Texas Instruments CC2500 Datasheet HTML 73Page - Texas Instruments CC2500 Datasheet HTML 74Page - Texas Instruments CC2500 Datasheet HTML 75Page - Texas Instruments CC2500 Datasheet HTML 76Page - Texas Instruments CC2500 Datasheet HTML 77Page - Texas Instruments CC2500 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 74 of 83
0x26: FSCAL0 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6:0
FSCAL0[6:0]
13 (0x0D)
R/W
Frequency synthesizer calibration control. The value to use in
this register is given by the SmartRF® Studio software.
0x27: RCCTRL1 – RC oscillator configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
0
R0
6:0
RCCTRL1[6:0]
65
(0x41)
R/W
RC oscillator configuration. Do not write to this register.
0x28: RCCTRL0 – RC oscillator configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
0
R0
6:0
RCCTRL0[6:0]
0
(0x00)
R/W
RC oscillator configuration. Do not write to this register.
31.2
Configuration Register Details – Registers that lose programming in sleep state
0x29: FSTEST – Frequency synthesizer calibration control
Bit
Field Name
Reset
R/W
Description
7:0
FSTEST[7:0]
89
(0x59)
R/W
For test only. Do not write to this register.
0x2A: PTEST – Production test
Bit
Field Name
Reset
R/W
Description
7
PTEST[7:0]
127
(0x7F)
R/W
Writing 0xBF to this register makes the on-chip temperature sensor
available in the IDLE state. The default 0x7F value should then be
written back before leaving the IDLE state.
Other use of this register is for test only.
0x2B: AGCTEST – AGC test
Bit
Field Name
Reset
R/W
Description
7:0
AGCTEST[7:0]
63
(0x3F)
R/W
For test only. Do not write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com