Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 13Page - Texas Instruments CC2500 Datasheet HTML 14Page - Texas Instruments CC2500 Datasheet HTML 15Page - Texas Instruments CC2500 Datasheet HTML 16Page - Texas Instruments CC2500 Datasheet HTML 17Page - Texas Instruments CC2500 Datasheet HTML 18Page - Texas Instruments CC2500 Datasheet HTML 19Page - Texas Instruments CC2500 Datasheet HTML 20Page - Texas Instruments CC2500 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 17 of 83
Component
Value
Manufacturer
C51
100 nF ±10%, 0402 X5R
Murata GRM15 series
C81
27 pF ±5%, 0402 NP0
Murata GRM15 series
C101
27 pF ±5%, 0402 NP0
Murata GRM15 series
C121
100 pF ±5%, 0402 NP0
Murata GRM15 series
C122
1.0 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C123
1.8 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C124
1.5 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
C131
100 pF ±5%, 0402 NP0
Murata GRM15 series
C132
1.0 pF ±0.25 pF, 0402 NP0
Murata GRM15 series
L121
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15 series
L122
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15 series
L131
1.2 nH ±0.3 nH, 0402 monolithic
Murata LQG15 series
R171
56 kΩ ±1%, 0402
Koa RK73 series
XTAL
26.0 MHz surface mount crystal
NDK, AT-41CD2
Table 15: Bill Of Materials for the application circuit
In the CC2500EM reference design shown in
Figure 4, LQG15 series inductors from Murata
have been used. Measurements have been
performed with multi-layer inductors from other
manufacturers
(e.g.
Würth)
and
the
measurement results were the same as when
using the Murata part.
The Gerber files for the CC2500EM reference
design are available from the TI and Chipcon
websites.
Figure 4: CC2500EM reference design
8
Configuration Overview
CC2500 can be configured to achieve optimum
performance for many different applications.
Configuration is done using the SPI interface.
The
following
key
parameters
can
be
programmed:
•
Power-down / power up mode
•
Crystal oscillator power-up / power-down
•
Receive / transmit mode
•
RF channel selection
•
Data rate
•
Modulation format
•
RX channel filter bandwidth
•
RF output power
•
Data buffering with separate 64-byte
receive and transmit FIFOs
•
Packet radio hardware support
•
Forward Error Correction with interleaving
•
Data Whitening
•
Wake-On-Radio (WOR)
Details of each configuration register can be
found in Section 31, starting on page 51.
Figure 5 shows a simplified state diagram that
explains the main
CC2500 states, together with
typical usage and current consumption. For
detailed information on controlling the
CC2500
state machine, and a complete state diagram,
see Section 19, starting on page 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com