Electronic Components Datasheet Search
  English  ▼

X  

MEDIA Datasheet(PDF) 1 Page - IXYS Corporation

Part # MEDIA
Description  INTEGRATED CIRCUITS DIVISION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MEDIA Datasheet(HTML) 1 Page - IXYS Corporation

  MEDIA Datasheet HTML 1Page - IXYS Corporation MEDIA Datasheet HTML 2Page - IXYS Corporation MEDIA Datasheet HTML 3Page - IXYS Corporation MEDIA Datasheet HTML 4Page - IXYS Corporation MEDIA Datasheet HTML 5Page - IXYS Corporation MEDIA Datasheet HTML 6Page - IXYS Corporation MEDIA Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1998J-R07
www.ixysic.com
1
e3
Characteristics
Features
• Load Current up to 20A
rms with 5°C/W Heat Sink
• 800V
P Blocking Voltage
• 5mA Control Current
• Zero-Cross Switching
• Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
• 2500V
rms Isolation, Input to Output
• DC Control, AC Output
• Optically Isolated
• Low EMI and RFI Generation
• High Noise Immunity
• Flammability Rating UL 94 V-0
Applications
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
Approvals
• UL 508 Recognized Component: File E69938
Description
CPC1998J is an AC Solid State Switch utilizing dual
power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with an
800VP blocking voltage.
Tightly controlled zero-cross circuitry ensures low
noise switching of AC loads by minimizing the
generation of transients. The optically coupled input
and output circuits provide exceptional noise immunity
and 2500Vrms of isolation between the control and the
output. As a result, the CPC1998J is well suited for
industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communications and control systems.
The unique i4-PAC package pioneered by IXYS allows
Solid State Relays to achieve the highest load current
and power ratings. This package features a unique
IXYS process in which the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation
but also very low junction-to-case thermal impedance
(0.35 °C/W).
Ordering Information
Pin Configuration
Parameter
Rating
Units
AC Operating Voltage
20-240
Vrms
Load Current
With 5°C/W Heat Sink
20
Arms
No Heat Sink
5
On-State Voltage Drop
1.1
VP (at IL=2AP)
Blocking Voltage
800
VP
Thermal Impedance,
Junction-to-Case,
JC
0.35
°C/W
Part
Description
CPC1998J
i4-PAC Package (25 per tube)
2
1
– LED
+ LED
AC Load
4
3
ZC
CPC1998J
AC Power Switch


Similar Part No. - MEDIA

ManufacturerPart #DatasheetDescription
logo
AG Electronica
MEDI-LIPO AGELECTRONICA-MEDI-LIPO Datasheet
303Kb / 1P
Monitor de Voltaje Para Bateria de Tecnologia Li-Po.
15/01/2018
More results

Similar Description - MEDIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NN5099K ETC-NN5099K Datasheet
383Kb / 9P
IC DIVISION
logo
NXP Semiconductors
UAA3592 PHILIPS-UAA3592 Datasheet
59Kb / 12P
Wideband code division multiple access frequency division duplex power amplifier
2002 Jul 02
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
Time Division Multiplexers
logo
Tyco Electronics
003347-000 MACOM-003347-000 Datasheet
18Kb / 1P
Thermofit Division Europe
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
LAN Access Division
logo
Tyco Electronics
2-1190212-3 MACOM-2-1190212-3 Datasheet
54Kb / 2P
Interconnect Division Europe
logo
MRV Communications, Inc...
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
Time Division Multiplexers
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
logo
OPLINK Communications I...
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
Division Multiplexer/Demultiplexer
logo
Linkage Goston Electron...
SM2211E LINKAGE-SM2211E Datasheet
1Mb / 7P
Standoff Light / Thermothermal LIne-DIvIsIon LIne-DIvIsIon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com