Electronic Components Datasheet Search
  English  ▼

X  

MEDIA Datasheet(PDF) 3 Page - IXYS Corporation

Part # MEDIA
Description  INTEGRATED CIRCUITS DIVISION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MEDIA Datasheet(HTML) 3 Page - IXYS Corporation

  MEDIA Datasheet HTML 1Page - IXYS Corporation MEDIA Datasheet HTML 2Page - IXYS Corporation MEDIA Datasheet HTML 3Page - IXYS Corporation MEDIA Datasheet HTML 4Page - IXYS Corporation MEDIA Datasheet HTML 5Page - IXYS Corporation MEDIA Datasheet HTML 6Page - IXYS Corporation MEDIA Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
3
www.ixysic.com
R07
CPC1998J
2
Thermal Characteristics
2.1 Thermal Management
Device high current characterization was performed using Kunze heat sink KU 1-159, phase change thermal interface
material KU-ALC 5, and transistor clip KU 4-499/1. This combination provided an approximate junction-to-ambient
thermal impedance of 12.5°C/W.
2.2 Heat Sink Calculation
Higher load currents are possible by using lower thermal impedance heat sink combinations.
2.3 Thermal Performance Data
Parameter
Conditions
Symbol
Rating
Units
Thermal Impedance (Junction to Case)
-
JC
0.35
°C/W
Thermal Impedance (Junction to Ambient)
Free Air
JA
33
°C/W
Junction Temperature (Operating)
-
TJ
-40 to +125
°C
θ
CA =
-
θ
JC
(T
J - TA)
P
D
T
J = Junction Temperature (°C), TJ ≤ 125°C *
T
A = Ambient Temperature (°C)
θ
JC = Thermal Impedance, Junction to Case (°C/W) = 0.35°C/W
θ
CA = Thermal Impedance of Heat Sink & Thermal Interface Material , Case to Ambient (°C/W)
P
D = On-State Voltage (Vrms) • Load Current (Arms)
* Elevated junction temperature reduces semiconductor lifetime.
NOTE: The exposed surface of the DCB substrate is not to be soldered.
Heat Sink Rating
Load Current (A
rms)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
Output Power
vs. Load Current
Temperature (ºC)
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
Output Power
vs. Ambient Temperature
Heat Sink
1ºC/W
2ºC/W
5ºC/W
10ºC/W
15ºC/W
Free Air



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com