Electronic Components Datasheet Search
  English  ▼

X  

MEDIA Datasheet(PDF) 4 Page - IXYS Corporation

Part # MEDIA
Description  INTEGRATED CIRCUITS DIVISION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MEDIA Datasheet(HTML) 4 Page - IXYS Corporation

  MEDIA Datasheet HTML 1Page - IXYS Corporation MEDIA Datasheet HTML 2Page - IXYS Corporation MEDIA Datasheet HTML 3Page - IXYS Corporation MEDIA Datasheet HTML 4Page - IXYS Corporation MEDIA Datasheet HTML 5Page - IXYS Corporation MEDIA Datasheet HTML 6Page - IXYS Corporation MEDIA Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R07
www.ixysic.com
4
CPC1998J
3
Performance Data*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
Zero-Cross Voltage (V)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
0
5
10
15
20
Zero-Cross Voltage
(N=50, I
F=5mA)
Forward Voltage Drop (V)
0.856 0.859 0.862 0.865 0.868 0.871 0.874
0
5
10
15
20
25
Forward Voltage Drop Distribution
(N=50, I
F=5mA, IL=2A)
LED Forward Current (mA)
2.66
2.70
2.74
2.78
2.822.86
2.90
0
5
10
15
20
25
Typical I
F for Switch Operation
with 1A Resistive Load
(N=50, V
L=120VAC/60Hz)
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Blocking Voltage (V
P)
874
876
878880
882
884
886
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Load Frequency (Hz)
0
100
200
300
400
500
600
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
LED Current to Operate
vs. Load Frequency - Inductive Load
(V
L=200V, ZL=400mH/220Ω)
Load Frequency (Hz)
0
100
200
300
400
500
600
2.5
3.0
3.5
4.0
4.5
5.0
LED Current to Operate
vs. Load Frequency - Resistive Load
(V
P=71V, RL=10Ω, IL=7A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
LED Forward Current to Operate
vs. Temperature - Inductive Load
(I
L=500mA, fL=60Hz, LL=400mH)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
LED Forward Current to Operate
vs. Temperature - Resistive Load
(I
L=1A, fL=60Hz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Load Frequency (Hz)
0
100
200
300
400
500
600
5.10
5.12
5.14
5.16
5.18
5.20
LED Current to Operate
vs. Load Frequency- Inductive Load
(V
L=200V, ZL=196mH/110Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com