Electronic Components Datasheet Search
  English  ▼

X  

SN20086APF Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SN20086APF
Description  USB2.0 Flash Disk Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN20086APF Datasheet(HTML) 4 Page - SONiX Technology Company

  SN20086APF Datasheet HTML 1Page - SONiX Technology Company SN20086APF Datasheet HTML 2Page - SONiX Technology Company SN20086APF Datasheet HTML 3Page - SONiX Technology Company SN20086APF Datasheet HTML 4Page - SONiX Technology Company SN20086APF Datasheet HTML 5Page - SONiX Technology Company SN20086APF Datasheet HTML 6Page - SONiX Technology Company SN20086APF Datasheet HTML 7Page - SONiX Technology Company SN20086APF Datasheet HTML 8Page - SONiX Technology Company SN20086APF Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN20086
2004/9/2
ver 0.2
4
Sonix utility program available (under Windows and Mac 10.2 or above)
Sonix driver and utility program available (under Mac 9, version 9.1 or above)
Single 3.3V operation
48 pin LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com