Electronic Components Datasheet Search
  English  ▼

X  

SN20086APF Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN20086APF
Description  USB2.0 Flash Disk Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN20086APF Datasheet(HTML) 5 Page - SONiX Technology Company

  SN20086APF Datasheet HTML 1Page - SONiX Technology Company SN20086APF Datasheet HTML 2Page - SONiX Technology Company SN20086APF Datasheet HTML 3Page - SONiX Technology Company SN20086APF Datasheet HTML 4Page - SONiX Technology Company SN20086APF Datasheet HTML 5Page - SONiX Technology Company SN20086APF Datasheet HTML 6Page - SONiX Technology Company SN20086APF Datasheet HTML 7Page - SONiX Technology Company SN20086APF Datasheet HTML 8Page - SONiX Technology Company SN20086APF Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN20086
2004/9/2
ver 0.2
5
3. Pin Assignment
FLCE7
FLWP S W
RS TN
FLWP
FLRB1
FLCE1
FLCE2
FLCE3
FLCE4
VS S
VD18
VD33
GP IO 0
FLD2
FLALE
FLWE
VS S
VD1 8
VD3 3
XIN
XOUT
FLD1
FLD0
FLCE 8
15
10
15
20
25
30
35
40
45
Table 1 SN20086 pin list
# pin name
type
drive description
1 LED
DO
8mA LED output
2 VDDA
PWR
Analog 3.3V
3 RPU
AIO
Connect to 1.5K pull up resistor
4 DPLUS
AIO
USB D+
5 DMINUS AIO
USB D-
6 VSSA
PWR
Analog ground
7 UVDD33 PWR
UTMI Digital 3.3V
8 UVDD18 PWR
UTMI Digital 1.8V
9 UVSSD
PWR
UTMI Digital ground
10 VDDA
PWR
Analog 3.3V
11 VSSA
PWR
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com