Electronic Components Datasheet Search
  English  ▼

X  

SN20086APF Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN20086APF
Description  USB2.0 Flash Disk Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN20086APF Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN20086APF Datasheet HTML 2Page - SONiX Technology Company SN20086APF Datasheet HTML 3Page - SONiX Technology Company SN20086APF Datasheet HTML 4Page - SONiX Technology Company SN20086APF Datasheet HTML 5Page - SONiX Technology Company SN20086APF Datasheet HTML 6Page - SONiX Technology Company SN20086APF Datasheet HTML 7Page - SONiX Technology Company SN20086APF Datasheet HTML 8Page - SONiX Technology Company SN20086APF Datasheet HTML 9Page - SONiX Technology Company SN20086APF Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN20086
2004/9/2
ver 0.2
6
12 VRES
AIO
Reference voltage, connect to 6.2K resistor
13 FLCE8
DIO
8mA Flash chip select 8 / Flash data 15
14 FLD0
DIO
8mA Flash data 0
15 FLD1
DIO
8mA Flash data 1
16 XOUT
DO
Crystal output
17 XIN
DI
Crystal input
18 VD33
PWR
Digital 3.3V
19 VD18
PWR
Digital 1.8V
20 VSS
PWR
Digital ground
21 FLWE
DO
8mA Flash write enable
22 FLALE
DO
8mA Flash address latch enable
23 FLD2
DIO
8mA Flash data 2
24 GPIO0
DIO
8mA General purpose input/output 0 / flash chip
enable (dual channel mode), PU: dual channel
mode, PD: single channel mode
25 FLD3
DIO
8mA Flash data 3
26 FLCLE
DO
8mA Flash command latch enable
27 FLD4
DIO
8mA Flash data 4
28 FLD5
DIO
8mA Flash data 5
29 FLCE5
DIO
8mA Flash chip enable 5 / Flash data 12
30 FLD6
DIO
8mA Flash data 6
31 VD18
PWR
Digital 1.8V
32 VD33
PWR
Digital 3.3V
33 FLVDOUT PWR
Flash power 3.3V
34 FLRE
DO
8mA Flash read enable
35 FLCE6
DIO
8mA Flash chip enable 6 / Flash data 13
36 FLD7
DIO
8mA Flash data 7
37 FLCE7
DIO
8mA Flash chip enable 7 / Flash data 14
38 FLWPSW DI
Write protect switch input
39 RSTN
DI
-
Chip mater reset
40 FLWP
DO
8mA Flash write protect
41 FLRB1
DI
Flash ready/busy
42 FLCE1
DIO
8mA Flash chip enable 1 / Flash data 8
43 FLCE2
DIO
8mA Flash chip enable 2 / Flash data 9
44 FLCE3
DIO
8mA Flash chip enable 3 / Flash data 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com